Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSESD9D3 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # YSESD9D3
Description  Transient Voltage Suppressors for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESD9D3 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSESD9D3 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESD9D3 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESD9D3 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20121119
YSESD9D3.3CT5G
DEVICE CHARACTERISTICS
Electrical Parameter
Symbol
Parameter
IPP
Maximum
Reverse
Peak
Pulse
Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current
@ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)@ IT
(Note 1)
IT
VC (V)
@ IPP=5 A*
VC (V)
@ Max IPP*
IPP
(A)*
PPK
(W)*
C
(pF)
Device
Max
Max
Min
mA
Typ
Max
Max
Max
Typ
3.3
1
5.0
1.0
8.4
14.1
11.2
158
25
*Surge current waveform per Figure 1.
1. VBR is measured with a pulse test current IT at an ambient temperature of 25℃.
Fig1. Pulse Waveform
Fig2.Power Derating Curve
YSESD9D3.3CT5G


Similar Part No. - YSESD9D3

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSESD9D3.3CT5G YEASHIN-YSESD9D3.3CT5G Datasheet
277Kb / 3P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - YSESD9D3

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com