Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # S3A
Description  Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

S3A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  S3A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd S3A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
S3A ~ S3M
Features
Low profile package
Ideal for automated placement
Glass passivated chip junction
Low forward voltage drop
Low leakage current
High forward surge capability
2.007
2.616
1
2
7.112
6.604
8.128
7.747
6.223
5.588
3.250
2.743
6.18
5.98
4.69
4.49
7.67
7.47
3.07
3.27
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AB(SMC)
Unit: mm
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Unit
Peak Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
DC Blocking Voltage
VR
50
100
200
400
600
800
1000
Average Rectified Current@ TL=103℃
IFAV
Peak Forward Surge Current @=8.3ms
IFSM
Thermal Resistance Junction to Ambient
RθJA
Thermal Resistance Junction to Lead
RθJC
Junction Temperature
TJ
Storage Temperature range
Tstg
-55 to 150
47
13
/W
V
3
100
150
A
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF= 2.5 A
1.15
V
Ta = 25℃
10
Ta = 125℃
250
Junction capacitance
Cj
VR= 4 V, f= 1 MHz
60
pF
Typical reverse recovery time
trr
IF= 0.5V, IR= 1A,Irr=0.25A
2.5
us
IR
uA
Reverse voltage leakage current
Marking
NO.
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Marking
S3A
S3B
S3D
S3G
S3J
S3K
S3M


Similar Part No. - S3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
GUANGDONG HOTTECH INDUS...
S3A HOTTECH-S3A Datasheet
231Kb / 2P
   Plastic-Encapsulate Diodes
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
S3A DACO-S3A Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - S3A

ManufacturerPart #DatasheetDescription
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
   Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
   Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com