Electronic Components Datasheet Search |
|
JANSR2N7400 Datasheet(PDF) 2 Page - Intersil Corporation |
|
JANSR2N7400 Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 8 page 2-59 Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified JANSR2N7400 UNITS Drain to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS 200 V Drain to Gate Voltage (RGS = 20kΩ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR 200 V Continuous Drain Current TC = 25 oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I D 8A TC = 100 oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I D 5A Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM 24 A Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS ±20 V Maximum Power Dissipation TC = 25 oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P T 50 W TC = 100 oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P T 20 W Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.40 W/oC Single Pulsed Avalanche Current, L = 100 µH, (See Test Figure). . . . . . . . . . . . . . . . . . . . . . IAS 24 A Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS 8A Pulsed Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM 24 A Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG -55 to 150 oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL (Distance >0.063in (1.6mm) from Case, 10s Max) Weight (Typical) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 4.4 oC g CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Electrical Specifications TC = 25oC, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Drain to Source Breakdown Voltage BVDSS ID = 1mA, VGS = 0V 200 - - V Gate Threshold Voltage VGS(TH) VGS = VDS, ID = 1mA TC = -55 oC - - 5.0 V TC = 25 oC 1.5 - 4.0 V TC = 125 oC 0.5 - - V Zero Gate Voltage Drain Current IDSS VDS = 160V, VGS = 0V TC = 25 oC- - 25 µA TC = 125 oC - - 250 µA Gate to Source Leakage Current IGSS VGS = ±20V TC = 25 oC - - 100 nA TC = 125 oC - - 200 nA Drain to Source On-State Voltage VDS(ON) VGS = 12V, ID = 8A - - 3.70 V Drain to Source On Resistance rDS(ON)12 ID = 5A, VGS = 12V TC = 25 oC - 0.320 0.440 Ω TC = 125 oC - - 0.744 Ω Turn-On Delay Time td(ON) VDD = 100V, ID = 8A, RL = 12.5Ω, VGS = 12V, RGS = 7.5Ω - - 65 ns Rise Time tr - - 160 ns Turn-Off Delay Time td(OFF) - - 120 ns Fall Time tf - - 90 ns Total Gate Charge (Not on Slash Sheet) Qg(TOT) VGS = 0V to 20V VDD = 100V, ID = 8A, - - 64 nC Gate Charge at 12V Qg(12) VGS = 0V to 12V - 33 42 nC Threshold Gate Charge (Not on Slash Sheet) Qg(TH) VGS = 0V to 2V - - 3.1 nC Gate Charge Source Qgs - 7.8 12 nC Gate Charge Drain Qgd -17 22 nC Thermal Resistance Junction to Case R θJC - - 2.5 oC/W Thermal Resistance Junction to Ambient R θJA -- 60 oC/W JANSR2N7400 |
Similar Part No. - JANSR2N7400 |
|
Similar Description - JANSR2N7400 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |