Electronic Components Datasheet Search |
|
ALN1750AT Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc. |
|
ALN1750AT Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc. |
1 / 3 page 1/3 www.asb.co.kr November 2008 plerowTM ALN1750AT Internally Matched LNA Module The plerowTM ALN-series is the compactly designed surface-mount module for the use of the LNA with or without the following gain blocks in the infrastructure equipment of the mobile wireless (CDMA, GSM, PCS, PHS, WCDMA, DMB, WLAN, WiBro, WiMAX), GPS, satellite communi- cation terminals, CATV and so on. It has an exceptional performance of low noise figure, high gain, high OIP3, and low bias current. The stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. The surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level. Parameter Unit Specifications Min Typ Max Frequency Range MHz 1700 1800 Gain dB 14.5 15.5 Gain Flatness dB 0.3 0.5 Noise Figure dB 0.65 0.7 Output IP3 (1) dBm 33 34 S11 / S22 (2) dB -19 / -9 Output P1dB dBm 17 18 Switching Time sec - Supply Current mA 65 75 Supply Voltage V 5 Impedance 50 Max. RF Input Power dBm C.W 29 ~ 31 (before fail) Package Type & Size mm Surface Mount Type, 10Wx10Lx3.8H Operating temperature is -40 C to +85C. 1) OIP3 is measured with two tones at an output power of 7 dBm / tone separated by 1 MHz. 2) S11/S22 (max) is the worst value within the frequency band. 3) Switching time means the time that takes for output power to get stabilized to its final level after switching DC voltage from 0 V to VS. Pin Number Function 2 RF In 5 RF Out 6 +Vcc Others Ground Outline Drawing (Unit: mm) Features · S21 = 15.8 dB @ 1700 MHz = 15.2 dB @ 1800 MHz · NF of 0.65 dB over Frequency · Unconditionally Stable · Single 5V Supply · High OIP3 @ Low Current Note: 1. The number and size of ground via holes in a circuit board is critical for thermal RF grounding considerations. 2. We recommend that the ground via holes be placed on the bottom of all ground pins for better RF and thermal performance, as shown in the drawing at the left side. Description (Recommended Footprint) ALN1750AT ASB Inc. (Top View) (Bottom View) Ø 0.4 plated thru holes to ground plane plerow (Side View) Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7223 Fax: (82) 42-528-7222 More Information 1-stage Single Type Typ. @ T = 25 C, Vs = 5 V, Freq. = 1750 MHz, Zo.sys = 50 ohm Solder Stencil Area Specifications (in Production) |
Similar Part No. - ALN1750AT_13 |
|
Similar Description - ALN1750AT_13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |