Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7516 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7516
Description  SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7516_15 Datasheet HTML 6Page - Analog Devices ADT7516_15 Datasheet HTML 7Page - Analog Devices ADT7516_15 Datasheet HTML 8Page - Analog Devices ADT7516_15 Datasheet HTML 9Page - Analog Devices ADT7516_15 Datasheet HTML 10Page - Analog Devices ADT7516_15 Datasheet HTML 11Page - Analog Devices ADT7516_15 Datasheet HTML 12Page - Analog Devices ADT7516_15 Datasheet HTML 13Page - Analog Devices ADT7516_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 10 of 44
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
ADT7516/
ADT7517/
ADT7519
TOP VIEW
(Not to Scale)
VOUT-B 1
VOUT-C
16
VOUT-A 2
VOUT-D
15
VREF-IN 3
AIN4
14
CS 4
SCL/SCLK
13
GND 5
SDA/DIN
12
VDD 6
DOUT/ADD
11
D+/AIN1 7
INT/INT
10
D–/AIN2 8
LDAC/AIN3
9
Figure 7. Pin Configuration (QSOP Package)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT-B
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
2
VOUT-A
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
3
VREF-IN
Reference Input Pin for All Four DACs. This input is buffered and has an input range from 1 V to VDD.
4
CS
SPI Active Low Control Input. This is the frame synchronization signal for the input data. When CS goes low, it enables
the input register, and data is transferred in on the rising edges and out on the falling edges of the subsequent serial
clocks. It is recommended that this pin be tied high to VDD when operating the serial interface in I2C mode.
5
GND
Ground Reference Point. Ground reference point for all circuitry on the part. Analog and digital ground.
6
VDD
Positive Supply Voltage, 2.7 V to 5.5 V. The supply should be decoupled to ground.
7
D+/AIN1
D+: Positive Connection to External Temperature Sensor.
AIN1: Analog Input. Single-ended analog input channel. Input range is 0 V to 2.28 V or 0 V to VDD.
8
D–/AIN2
D–: Negative Connection to External Temperature Sensor.
AIN2: Analog Input. Single-ended analog input channel. Input range is 0 V to 2.28 V or 0 V to VDD.
9
LDAC/AIN3
LDAC: Active Low Control Input. Transfers the contents of the input registers to their respective DAC registers. A
falling edge on this pin forces any or all DAC registers to be updated if the input registers have new data. A minimum
pulse width of 20 ns must be applied to the LDAC pin to ensure proper loading of a DAC register. This allows
simultaneous update of all DAC outputs. Bit C3 of the Control Configuration 3 register enables the LDAC pin. Default is
with the LDAC pin controlling the loading of the DAC registers.
AIN3: Analog Input. Single-ended analog input channel. Input range is 0 V to 2.28 V or 0 V to VDD.
10
INT/INT
Over Limit Interrupt. The output polarity of this pin can be set to give an active low or active high interrupt when
temperature, VDD, or AIN limits are exceeded. The default is active low. Open-drain output, needs a pull-up resistor.
11
DOUT/ADD
DOUT: SPI Serial Data Output. Logic output. Data is clocked out of any register at this pin. Data is clocked out on the
falling edge of SCLK. Open-drain output, needs a pull-up resistor.
ADD: I2C Serial Bus Address Selection Pin. Logic input. A low on this pin gives the Address 1001 000; leaving it floating
gives the Address 1001 010; and setting it high gives the address 1001 011. The I2C address set up by the ADD pin is
not latched by the device until after this address has been sent twice. On the eighth SCL cycle of the second valid
communication, the serial bus address is latched in. Any subsequent change on this pin has no effect on the I2C serial
bus address.
12
SDA/DIN
SDA: I2C Serial Data Input/Output. I2C serial data to be loaded into the registers of the part and read from these
registers is provided on this pin. Open-drain configuration, needs a pull-up resistor.
DIN: SPI Serial Data Input. Serial data to be loaded into the part’s registers is provided on this pin. Data is clocked into
a register on the rising edge of SCLK. Open-drain configuration, needs a pull-up resistor.
13
SCL/SCLK
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock data out of any register of
the ADT7516/ADT7517/ADT7519, and also to clock data into any register that can be written to. Open-drain
configuration, needs a pull-up resistor.
14
AIN4
Analog Input. Single-ended analog input channel. Input range is 0 V to 2.28 V or 0 V to VDD.
15
VOUT-D
Buffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
16
VOUT-C
Buffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.


Similar Part No. - ADT7516_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
More results

Similar Description - ADT7516_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com