Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC812 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUC812
Description  MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC812 Datasheet(HTML) 3 Page - Analog Devices

  ADUC812_15 Datasheet HTML 1Page - Analog Devices ADUC812_15 Datasheet HTML 2Page - Analog Devices ADUC812_15 Datasheet HTML 3Page - Analog Devices ADUC812_15 Datasheet HTML 4Page - Analog Devices ADUC812_15 Datasheet HTML 5Page - Analog Devices ADUC812_15 Datasheet HTML 6Page - Analog Devices ADUC812_15 Datasheet HTML 7Page - Analog Devices ADUC812_15 Datasheet HTML 8Page - Analog Devices ADUC812_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
REV.
–3–
ADuC812
SPECIFICATIONS1, 2 (AV
DD = DVDD = 3.0 V or 5.0 V
10%, REFIN /REFOUT = 2.5 V Internal Reference, MCLKIN = 11.0592 MHz,
fSAMPLE = 200 kHz, DAC VOUT Load to AGND; RL = 2 k , CL = 100 pF. All specifications TA = TMIN to TMAX, unless otherwise noted.)
ADuC812BS
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
DC ACCURACY
3, 4
Resolution
12
12
Bits
Integral Nonlinearity
±1/2
±1/2
LSB typ
fSAMPLE = 100 kHz
±1.5
±1.5
LSB max
fSAMPLE = 100 kHz
±1.5
±1.5
LSB typ
fSAMPLE = 200 kHz
Differential Nonlinearity
±1
±1
LSB typ
fSAMPLE = 100 kHz. Guaranteed No
Missing Codes at 5 V
CALIBRATED ENDPOINT ERRORS
5, 6
Offset Error
±5
±5
LSB max
±1
±1
LSB typ
Offset Error Match
1
1
LSB typ
Gain Error
±6
±6
LSB max
±1
±1
LSB typ
Gain Error Match
1.5
1.5
LSB typ
USER SYSTEM CALIBRATION
7
Offset Calibration Range
±5
±5
% of VREF typ
Gain Calibration Range
±2.5
±2.5
% of VREF typ
DYNAMIC PERFORMANCE
fIN = 10 kHz Sine Wave
fSAMPLE = 100 kHz
Signal-to-Noise Ratio (SNR)
8
70
70
dB typ
Total Harmonic Distortion (THD)
–78
–78
dB typ
Peak Harmonic or Spurious Noise
–78
–78
dB typ
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
V
Leakage Current
±1
±1
μA max
±0.1
±0.1
μA typ
Input Capacitance
9
20
20
pF max
TEMPERATURE SENSOR
10
Voltage Output at 25°C
600
600
mV typ
Can vary significantly (> ±20%)
Voltage TC
–3.0
–3.0
mV/°C typ
from device to device
DAC CHANNEL SPECIFICATIONS
DC ACCURACY
11
Resolution
12
12
Bits
Relative Accuracy
±3
±3
LSB typ
Differential Nonlinearity
±0.5
±1
LSB typ
Guaranteed 12-Bit Monotonic
Offset Error
±60
±60
mV max
±15
±15
mV typ
Full-Scale Error
±30
±30
mV max
±10
±10
mV typ
Full-Scale Mismatch
±0.5
±0.5
% typ
% of Full-Scale on DAC1
ANALOG OUTPUTS
Voltage Range_0
0 to VREF
0 to VREF
V typ
Voltage Range_1
0 to VDD
0 to VDD
V typ
Resistive Load
10
10
k
Ω typ
Capacitive Load
100
100
pF typ
Output Impedance
0.5
0.5
Ω typ
ISINK
50
50
μA typ
F


Similar Part No. - ADUC812_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812BS AD-ADUC812BS Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BS AD-ADUC812BS Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812BSZ-REEL AD-ADUC812BSZ-REEL Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
More results

Similar Description - ADUC812_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com