Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJF0604JPD Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RJF0604JPD
Description  60V, 5A Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0604JPD Datasheet(HTML) 7 Page - Renesas Technology Corp

  RJF0604JPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0604JPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0604JPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0604JPD_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0604JPD_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0604JPD_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0604JPD_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0604JPD_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RJF0604JPD
Target Specifications
R07DS0583EJ0300 Rev.3.00
Page 7 of 7
Nov 05, 2013
Package Dimensions
6.5 ± 0.3
5.6 ± 0.5
2.3 ± 0.2
0.55 ± 0.1
0 – 0.25
0.55 ± 0.1
(1.2)
0.8 ± 0.1
2.29 ± 0.5
2.29 ± 0.5
(5.1)
1.0 Max.
Previous Code
PRSS0004ZD-CDPAK(S) / DPAK(S)V
MASS[Typ.]
0.28g
SC-63
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
DPAK(S)
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJF0604JPD-00-J3
3000 pcs
Taping
Note:
The symbol of 2nd "-" is occasionally presented as "#".


Similar Part No. - RJF0604JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604JPD RENESAS-RJF0604JPD_12 Datasheet
94Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - RJF0604JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0604DPD RENESAS-RJF0604DPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0609JSP RENESAS-RJF0609JSP Datasheet
281Kb / 8P
   60V - 1.5V Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com