Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJF0606JPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJF0606JPE
Description  60V-40A Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0606JPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJF0606JPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0606JPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0606JPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0606JPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0606JPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0606JPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0606JPE_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0606JPE_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJF0606JPE
Target Specifications
R07DS0580EJ0300 Rev.3.00
Page 5 of 7
May 15, 2013
Gate to Source Voltage
VGS (V)
Shutdown Case Temperature vs.
Gate to Source Voltage
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
16
14
12
10
8
6
2
4
0
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
10
10000
Shutdown Time of Load-Short Test
Pw (
μS)
100
1000
VDD = 16 V
24 V
3
1
0.3
0.1
0.03
0.01
10
μ
100
μ
1 m
10 m
100 m
1
10
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.01
0.02
1shot
pulse
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 2.5°C/W, Tc = 25°C
200
180
160
140
120
0
100
24
6
8
10
ID = 5 A


Similar Part No. - RJF0606JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
More results

Similar Description - RJF0606JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE_15 Datasheet
101Kb / 8P
   60V-40A Silicon N Channel Thermal FET
RJF0609JSP RENESAS-RJF0609JSP Datasheet
281Kb / 8P
   60V - 1.5V Silicon N Channel Thermal FET Power Switching
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0609JSP RENESAS-RJF0609JSP_15 Datasheet
281Kb / 8P
   60V - 1.5V Silicon N Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com