Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC845 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUC845
Description  24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC845 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUC845_15 Datasheet HTML 6Page - Analog Devices ADUC845_15 Datasheet HTML 7Page - Analog Devices ADUC845_15 Datasheet HTML 8Page - Analog Devices ADUC845_15 Datasheet HTML 9Page - Analog Devices ADUC845_15 Datasheet HTML 10Page - Analog Devices ADUC845_15 Datasheet HTML 11Page - Analog Devices ADUC845_15 Datasheet HTML 12Page - Analog Devices ADUC845_15 Datasheet HTML 13Page - Analog Devices ADUC845_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
ADuC845/ADuC847/ADuC848
Data Sheet
Rev. C | Page 10 of 108
ABOSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
AVDD to AGND
–0.3 V to +7 V
AVDD to DGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
AGND to DGND1
–0.3 V to +0.3 V
AVDD to DVDD
–2 V to +5 V
Analog Input Voltage to AGND2
–0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND
–0.3 V to AVDD + 0.3 V
AIN/REFIN Current (Indefinite)
30 mA
Digital Input Voltage to DGND
–0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to DVDD + 0.3 V
Operating Temperature Range
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance (MQFP)
90°C/W
θJA Thermal Impedance (LFCSP)
52°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
________________________
1
AGND and DGND are shorted internally on the ADuC845, ADuC847, and ADuC848.
2
Applies to the P1.0 to P1.7 pins operating in analog or digital input modes.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADUC845_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
More results

Similar Description - ADUC845_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com