Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7032 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC7032
Description  MicroConverter Integrated, Precision Battery Sensor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7032 Datasheet(HTML) 1 Page - Analog Devices

  ADUC7032_15 Datasheet HTML 1Page - Analog Devices ADUC7032_15 Datasheet HTML 2Page - Analog Devices ADUC7032_15 Datasheet HTML 3Page - Analog Devices ADUC7032_15 Datasheet HTML 4Page - Analog Devices ADUC7032_15 Datasheet HTML 5Page - Analog Devices ADUC7032_15 Datasheet HTML 6Page - Analog Devices ADUC7032_15 Datasheet HTML 7Page - Analog Devices ADUC7032_15 Datasheet HTML 8Page - Analog Devices ADUC7032_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
MicroConverter® Integrated,
Precision Battery Sensor
Preliminary Technical Data
ADuC7032
FEATURES
High Precision ADCs
Dual Channel, Simultaneous Sampling, 16-Bit
Σ−∆ ADCs
Third Independent ADC for Temperature Sensing
Programmable ADC throughput from 1Hz to 8KHz
On-Chip 5ppm/°C Voltage Reference
Current Channel
Fully differential, Buffered Input
Programmable Gain 1 to 512
ADC Input Range -200mV to +300mV
Digital Comparators, with Current Accumulator Feature
Voltage Channel
Buffered, On-Chip attenuator for 12V battery Inputs
Temperature Channel
External and On-Chip Temperature Sensor Options
Microcontroller
ARM7TDMI Core, 16/32-bit RISC architecture
20.48MHz PLL with Programmable Divider
PLL Input Source:
On-Chip Precision Oscillator
On-Chip Low-Power Oscillator
External (32.768KHz) Watch Crystal
JTAG Port supports code download and debug
Memory
96k Bytes Flash/EE Memory, 6k Bytes SRAM
10KCycles Flash Endurance, 20 Years Flash Retention
In-Circuit Download via JTAG and LIN
64 x 16bit Result FIFO for Current and Voltage ADC
On-Chip Peripherals
LIN 1.2, 1.3 and 2.0 (Slave) Compatible Support via UART
with Hardware Synchronization
Flexible Wake-up I/O Pin, Master/Slave SPI Serial I/O
9-Pin GPIO Port, 2 X General Purpose Timers
Wake-up and Watchdog Timers
Power Supply Monitor, On-Chip Power-On-Reset
Power
Operates directly from 12V Battery Supply
Current Consumption
Normal Mode 10mA at 10MHz
Low Power Monitor Mode
Package and Temperature Range
48 Pin LQFP 7X7 mm body package
Fully specified for –40°C to 105°C operation
APPLICATIONS
Battery Sensing/Management for Automotive Systems
FUNCTIONAL BLOCK DIAGRAM
2.5V LDO
PSM
POR
PRECISION
OSC
LOW POWER
OSC
ON-CHIP PLL
GPIO PORT
UART PORT
SPI PORT
LIN
ARM7TDMI
MCU
20MHz
16-BIT
Σ−∆ ADC
PGA
16-BIT
Σ−∆ ADC
BUF
TEMP
SENSOR
MUX
PRECISION
REFERENCE
RESET
XTAL1
XTAL2
LIN
PRECISION ANALOG ACQUISITION
IIN+
IIN-
VTEMP
VREF
GND_SW
BUF
VBAT
DIGITAL
COMPARATOR
MEMORY
96KB FLASH
6KB RAM
128B ADC FIFO
2xTIMERS
WDT
W/U TIMER
WU
16-BIT
Σ−∆ ADC
BUF
RESULT
ACCUMULATOR
Figure 1: ADuC7032 Functional Block Diagram
Rev. Pr
D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Preliminary Specifications subject to change without notice. No license is granted by
implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective
companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADUC7032_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7032-8L AD-ADUC7032-8L Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
More results

Similar Description - ADUC7032_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7032 AD-ADUC7032 Datasheet
910Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
logo
NXP Semiconductors
MM912 NXP-MM912 Datasheet
6Mb / 396P
   Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com