Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7032-8L Datasheet(PDF) 5 Page - Analog Devices

Part # ADUC7032-8L
Description  Integrated Precision Battery Sensor for Automotive System
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7032-8L Datasheet(HTML) 5 Page - Analog Devices

  ADUC7032-8L_15 Datasheet HTML 1Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 2Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 3Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 4Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 5Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 6Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 7Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 8Page - Analog Devices ADUC7032-8L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
ADuC7032-8L
Rev. A | Page 5 of 120
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Temperature Channel
No Missing Codes1
Valid at all ADC update rates
16
Bits
Integral Nonlinearity1
±10
±60
ppm of FSR
Offset Error1, 3, 5, 16, 17, 18
Chop off, 1 LSB = 19.84 μV
−10
±3
+10
LSB
Offset Error1, 3
Chop on
−5
1
+5
LSB
Offset Error Drift
0.03
LSB/°C
Total Gain Error1, 3, 14, 17, 18
−0.25
±0.06
+0.25
%
Gain Drift
3
ppm/°C
Output Noise1
1 kHz update rate
7.5
11.25
μV rms
ADC SPECIFICATIONS,
ANALOG INPUT
Internal VREF = 1.2 V
Current Channel
Absolute Input Voltage
Range
Applies to both IIN+ and IIN−
−200
+300
mV
Input Voltage Range19, 20
Gain = 121
±1.2
V
Gain = 221
±600
mV
Gain = 421
±300
mV
Gain = 8
±150
mV
Gain = 16
±75
mV
Gain = 32
±37.5
mV
Gain = 64
±18.75
mV
Gain = 128
±9.375
mV
Gain = 256
±4.68
mV
Gain = 512
±2.3
mV
Input Leakage Current1
−3
+3
nA
Input Offset Current1, 22
0.5
1.5
nA
Voltage Channel
Absolute Input Voltage
Range
4
18
V
Input Voltage Range
0 to 28.8
V
VBAT Input Current
VBAT = 18 V
3
5.5
8
μA
Temperature Channel
Absolute Input Voltage
Range
100
1300
mV
Input Voltage Range
0 to VREF
V
VTEMP Input Current1
2.5
100
nA
VOLTAGE REFERENCE
ADC Precision Reference
Internal VREF
1.2
V
Power-Up Time1
0.5
ms
Initial Accuracy1
Measured at TA = 35°C
−0.15
+0.15
%
Internal VREF Temperature
Coefficient1, 23
−20
±5
+20
ppm/°C
Long-Term Stability24
100
ppm/
1000 hr
External Reference Input
Range25
0.1
1.3
V
VREF Divide-by-2 Initial Error1
0.1
0.3
%
ADC Low Power Reference
Internal VREF
1.2
V
Initial Accuracy
Measured at TA = 35°C
−5
+5
%
Initial Accuracy10
Using ADCREF, measured at TA = 35°C
0.1
%
Temperature Coefficient1,23
−300
+300
ppm/°C
RESISTIVE ATTENUATOR
Divider Ratio
24
Resistor Mismatch Drift
3
ppm/°C
ADC GROUND SWITCH
Resistance
Direct path to ground
10
Ω
20 kΩ resistor selected
10
20
30
Input Current
6
mA


Similar Part No. - ADUC7032-8L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7032 AD-ADUC7032 Datasheet
910Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results

Similar Description - ADUC7032-8L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
   Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com