Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR820 Datasheet(PDF) 1 Page - Intersil Corporation

Part # MUR820
Description  8A, 200V Ultrafast Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MUR820 Datasheet(HTML) 1 Page - Intersil Corporation

  MUR820 Datasheet HTML 1Page - Intersil Corporation MUR820 Datasheet HTML 2Page - Intersil Corporation MUR820 Datasheet HTML 3Page - Intersil Corporation MUR820 Datasheet HTML 4Page - Intersil Corporation MUR820 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-173
File Number
1355.5
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
MUR820, RURP820
8A, 200V Ultrafast Diodes
MUR820 and RURP820 are ultrafast diodes with soft
recovery characteristics (trr < 25ns). They have low forward
voltage drop and are silicon nitride passivated ion-implanted
epitaxial planar construction.
These devices are intended for use as freewheeling/
clamping diodes and rectifiers in a variety of switching power
supplies and other power switching applications. Their low
stored charge and ultrafast soft recovery minimize ringing
and electrical noise in many power switching circuits
reducing power loss in the switching transistors.
Formerly developmental type TA09223.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <25ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-220AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
MUR820
TO-220AC
MUR820
RURP820
TO-220AC
RURP820
NOTE: When ordering, use the entire part number.
K
A
ANODE
CATHODE
CATHODE
(FLANGE)
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
MUR820
RURP820
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
200
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VRWM
200
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
200
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IF(AV)
(TC = 157
oC)
8A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
(Square Wave, 20kHz)
16
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave, 1 Phase, 60Hz)
100
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
50
W
Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAVL
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
oC
Data Sheet
January 2000


Similar Part No. - MUR820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Chongqing Pingwei Enter...
MUR820 CHONGQING-MUR820 Datasheet
205Kb / 1P
   8A High Efficiency Rectifier
logo
Vishay Siliconix
MUR820 VISHAY-MUR820 Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 09-Apr-08
logo
Kersemi Electronic Co.,...
MUR820 KERSEMI-MUR820 Datasheet
468Kb / 7P
   Power Rectifiers
logo
Micro Commercial Compon...
MUR820 MCC-MUR820 Datasheet
102Kb / 2P
   8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
More results

Similar Description - MUR820

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
   8A, 200V Ultrafast Dual Diodes
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
Shenzhen Winsemi Microe...
WDP8S20 WINSEMI-WDP8S20 Datasheet
422Kb / 5P
   8A,200V Ultrafast Single Diode
logo
Intersil Corporation
MUR8100E INTERSIL-MUR8100E Datasheet
49Kb / 4P
   8A, 1000V Ultrafast Diodes
logo
Fairchild Semiconductor
MUR8100E FAIRCHILD-MUR8100E Datasheet
138Kb / 5P
   8A, 1000V Ultrafast Diodes
MUR1520 FAIRCHILD-MUR1520 Datasheet
61Kb / 4P
   15A, 200V Ultrafast Diodes
logo
Intersil Corporation
MUR1520 INTERSIL-MUR1520 Datasheet
31Kb / 3P
   15A, 200V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD420S FAIRCHILD-RURD420S Datasheet
100Kb / 5P
   4A, 200V Ultrafast Diodes
logo
Intersil Corporation
RURD620 INTERSIL-RURD620 Datasheet
50Kb / 4P
   6A, 200V Ultrafast Diodes
RURD420 INTERSIL-RURD420 Datasheet
46Kb / 4P
   4A, 200V Ultrafast Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com