Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HITJ0204MP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HITJ0204MP
Description  ??0V, ??.6A, 280m?뾪ax Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITJ0204MP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HITJ0204MP_15 Datasheet HTML 1Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 2Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 3Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 4Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 5Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 6Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HITJ0204MP
Preliminary
R07DS0476EJ0200 Rev.2.00
Page 3 of 6
May 09, 2013
Main Characteristics
–10
–8
–6
–4
–2
0
0
–0.01
–0.1
–1
–10
–100
–0.01
–0.1
–1
–10
–100
–2
–1
–3
–4
–0.0001
–0.001
–0.01
–1
–0.1
0
–0.5
–1
–1.5
–2
–2.5
–3
0
0.2
0.4
0.6
0.8
1
0
50
100
150
0
–1
–2
–3
–4
0–1
–2
–3
–5
–4
0
–0.5
–1
–1.5
–25
0
25
50
75
100 125 150
VDS = –10 V
Pulse Test
Tc = 75
°C
25
°C
–25
°C
Ta = 25
°C
1 Shot Pulse
100
μs
DC
Operation
VGS = 0 V
Pulse Test
Tc = 25
°C
–2.6 V
–2.0 V
–2.2 V
–2.4 V
–3.2 V
–4.5 V
–7 V
–6 V
–10 V
–3.4 V
–3.6 V
–3.8 V
–4.0 V
–3.0 V
–2.8 V
10
ms
PW
=
100
ms
Tc = 75
°C
–25
°C
25
°C
VDS = –10 V
Pulse Test
ID = –10 mA
–1 mA
–0.1 mA
VDS = –10 V
Pulse Test
Ambient Temperature Ta (
°C)
Maximum Channel Power
Dissipation Curve
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics (1)
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics (2)
Gate to Source Voltage VGS (V)
Gate to Source Cutoff Voltage vs.
Case Temperature
Case Temperature Tc (
°C)
*When using the glass epoxy board (FR-4: 40
× 40 × 1 mm)
Operation in this area
is limited by RDS(on)


Similar Part No. - HITJ0204MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0204MP RENESAS-HITJ0204MP_13 Datasheet
106Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - HITJ0204MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0303MP RENESAS-HITJ0303MP_15 Datasheet
107Kb / 7P
   ??0V, ??.3A, 68m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP_15 Datasheet
105Kb / 7P
   ??0V, ??.4A, 69m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0302MP RENESAS-HITJ0302MP_15 Datasheet
102Kb / 7P
   ??0V, ??.2A, 173m?뾪ax Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_15 Datasheet
105Kb / 7P
   ??0V, ??.1A , 180m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0202MP RENESAS-HITJ0202MP_15 Datasheet
106Kb / 7P
   ??0V, ??.7A, 105m?뾪ax Silicon P Channel MOS FET Power Switching
HITK0202MP RENESAS-HITK0202MP_15 Datasheet
105Kb / 7P
   20V, 3.8A, 55m?뾪ax. Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_15 Datasheet
104Kb / 7P
   20V, 2.9A, 90m?뾪ax Silicon N Channel MOS FET Power Switching
HITK0201MP RENESAS-HITK0201MP_15 Datasheet
105Kb / 7P
   20V, 4.5A, 39m?뾪ax. Silicon N Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com