Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG1001CT Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # FG1001CT
Description  FAST RECOVERY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

FG1001CT Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  FG1001CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd FG1001CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd FG1001CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
包装规范
Packing 包装 Dimension 尺寸
Qty 数
Picture 图示
Bag/Tube
袋/管装
527mm*33mm*7mm
50
PCS
Inner box
内盒
555mm*140mm*55mm
2000
PCS
Carton
外箱
575mm*285mm *155mm
8000
PCS
TO/ITO220
亞 昕 科 技 股 份 有 限 公 司
YEASHIN TECHNOLOGY CO., LTD.
http://www.yeashin.com


Similar Part No. - FG1001CT

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FG1001 FCI-FG1001 Datasheet
378Kb / 2P
   10 Amp Glass Passivated Standard Rectifiers
FG1001 FCI-FG1001 Datasheet
4Mb / 2P
   10 Amps General Purpose Plastic Rectifiers
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
   FAST RECOVERY
FG1001F YEASHIN-FG1001F Datasheet
415Kb / 3P
   FAST RECOVERY
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
More results

Similar Description - FG1001CT

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
   Fast Recovery
1997-03-03
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com