Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWS5101AEL3X Datasheet(PDF) 1 Page - Intersil Corporation

Part # MWS5101AEL3X
Description  256-Word x 4-Bit LSI Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MWS5101AEL3X Datasheet(HTML) 1 Page - Intersil Corporation

  MWS5101AEL3X Datasheet HTML 1Page - Intersil Corporation MWS5101AEL3X Datasheet HTML 2Page - Intersil Corporation MWS5101AEL3X Datasheet HTML 3Page - Intersil Corporation MWS5101AEL3X Datasheet HTML 4Page - Intersil Corporation MWS5101AEL3X Datasheet HTML 5Page - Intersil Corporation MWS5101AEL3X Datasheet HTML 6Page - Intersil Corporation MWS5101AEL3X Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6-56
Features
• Industry Standard Pinout
• Very Low Operating Current . . . . . . . . . . . . . . . . . . 8mA
at VDD = 5V and Cycle Time = 1µs
• Two Chip Select Inputs Simple Memory Expansion
• Memory Retention for Standby. . . . . . . . . . . . . 2V (Min)
Battery Voltage
• Output Disable for Common I/O Systems
• Three-State Data Output for Bus Oriented Systems
• Separate Data Inputs and Outputs
• TTL Compatible (MWS5101A)
Pinout
MWS5101, MWS5101A
(PDIP, SBDIP)
TOP VIEW
Description
The MWS5101 and MWS5101A are 256 word by 4-bit static
random access memories designed for use in memory
systems where high speed, very low operating current, and
simplicity in use are desirable. They have separate data
inputs and outputs and utilize a single power supply of 4V to
6.5V. The MWS5101 and MWS5101A differ in input voltage
characteristics (MWS5101A is TTL compatible).
Two Chip Select inputs are provided to simplify system
expansion. An Output Disable control provides Wire-OR
capability and is also useful in common Input/Output
systems by forcing the output into a high impedance state
during a write operation independent of the Chip Select input
condition. The output assumes a high impedance state
when the Output Disable is at high level or when the chip is
deselected by CS1 and/or CS2.
The high noise immunity of the CMOS technology is
preserved in this design. For TTL interfacing at 5V operation,
excellent system noise margin is preserved by using an
external pull-up resistor at each input.
For applications requiring wider temperature and operating
voltage ranges, the mechanically and functionally equivalent
static RAM, CDP1822 may be used.
The MWS5101 and MWS5101A types are supplied in 22
lead hermetic dual-in-line, sidebrazed ceramic packages (D
suffix), in 22 lead dual-in-line plastic packages (E suffix), and
in chip form (H suffix).
Ordering Information
1
11
10
9
8
7
6
5
3
2
4
22
12
13
14
15
16
17
18
19
21
20
A2
A1
A0
A5
A6
A7
DI1
VSS
DO1
DI2
A4
CSI
O.D.
CS2
R/W
DO4
DI4
DO3
DI3
DO2
A3
VDD
PACKAGE
TEMP. RANGE
MWS5101
350ns
MWS5101A
350ns
PKG. NO.
250ns
250ns
PDIP
Burn-In
0oC to +70oC
MWS5101EL2
MWS5101ELS
MWS5101AEL2
MWS5101AEL3
E22.4
MWS5101AEL3X E22.4
SBDIP
Burn-In
0oC to +70oC
-
MWS5101DL3X
-
MWS5101ADL3
D22.4A
D22.4A
March 1997
MWS5101,
MWS5101A
256-Word x 4-Bit
LSI Static RAM
File Number
1106.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - MWS5101AEL3X

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
MWS5114D1 INTERSIL-MWS5114D1 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
MWS5114D1 INTERSIL-MWS5114D1 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
MWS5114D2 INTERSIL-MWS5114D2 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
More results

Similar Description - MWS5101AEL3X

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822 INTERSIL-CDP1822_1 Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
   High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
CDP1823 INTERSIL-CDP1823 Datasheet
28Kb / 7P
   128-Word x 8-Bit LSI Static RAM
March 1997
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
TC55416P TOSHIBA-TC55416P Datasheet
232Kb / 6P
   16,384 WORD x 4 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com