Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1K49090 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RF1K49090
Description  3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49090 Datasheet(HTML) 3 Page - Intersil Corporation

  RF1K49090 Datasheet HTML 1Page - Intersil Corporation RF1K49090 Datasheet HTML 2Page - Intersil Corporation RF1K49090 Datasheet HTML 3Page - Intersil Corporation RF1K49090 Datasheet HTML 4Page - Intersil Corporation RF1K49090 Datasheet HTML 5Page - Intersil Corporation RF1K49090 Datasheet HTML 6Page - Intersil Corporation RF1K49090 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8-103
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
2.0
1.0
0.5
0
25
50
75
100
125
150
1.5
3.0
2.5
TA, AMBIENT TEMPERATURE (
oC)
4.0
3.5
t, RECTANGULAR PULSE DURATION (s)
10-3
10-1
100
101
102
0.01
10
0.1
1
10-2
103
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA x RθJA + TA
PDM
t1
t2
SINGLE PULSE
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
10
100
0.01
1
100
10
0.1
0.1
DC
5ms
100ms
1s
10ms
TJ = MAX RATED, VDSS MAX = 12V
TA = 25
oC
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
t, PULSE WIDTH (s)
200
10
1
10-5
10-4
10-3
10-2
10-1
100
101
VGS = 5V
100
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
I
= I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TA = 25
oC
RF1K49090


Similar Part No. - RF1K49090

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
More results

Similar Description - RF1K49090

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
   2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49211 FAIRCHILD-RF1K49211 Datasheet
262Kb / 8P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49086 INTERSIL-RF1K49086 Datasheet
143Kb / 7P
   3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49088 FAIRCHILD-RF1K49088 Datasheet
153Kb / 7P
   3.5A, 30V, Avalanche Rated, Logic Level, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com