Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1K49092 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RF1K49092
Description  3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49092 Datasheet(HTML) 3 Page - Intersil Corporation

  RF1K49092 Datasheet HTML 1Page - Intersil Corporation RF1K49092 Datasheet HTML 2Page - Intersil Corporation RF1K49092 Datasheet HTML 3Page - Intersil Corporation RF1K49092 Datasheet HTML 4Page - Intersil Corporation RF1K49092 Datasheet HTML 5Page - Intersil Corporation RF1K49092 Datasheet HTML 6Page - Intersil Corporation RF1K49092 Datasheet HTML 7Page - Intersil Corporation RF1K49092 Datasheet HTML 8Page - Intersil Corporation RF1K49092 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
9-5
P-Channel Electrical Specifications TA = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, (Figure 34)
-12
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, (Figure 33)
-1
-
-2
V
Zero Gate Voltage Drain Current
IDSS
VDS = -12V,
VGS = 0V
TA = 25
oC-
-
-1
µA
TA = 150
oC
-
-
-50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V
-
-
±100
nA
Drain to Source On Resistance
rDS(ON)
ID = 2.5A, VGS = -5V
-
-
0.130
Turn-On Time
tON
VDD = -6V, ID ≈ 2.5A,
RL = 2.40Ω, VGS = -5V,
RGS = 25Ω
(Figure 31)
-
-
115
ns
Turn-On Delay Time
td(ON)
-25-
ns
Rise Time
tr
-65-
ns
Turn-Off Delay Time
td(OFF)
-40-
ns
Fall Time
tf
-45-
ns
Turn-Off Time
tOFF
-
-
110
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to -10V
VDD = -9.6V,
ID = 2.5A,
RL = 3.84Ω
(Figure 36)
-19
24
nC
Gate Charge at -5V
Qg(-5)
VGS = 0V to -5V
-
10
14
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to -1V
-
0.8
1.1
nC
Input Capacitance
CISS
VDS = -10V, VGS = 0V,
f = 1MHz (Figure 35)
-
775
-
pF
Output Capacitance
COSS
-
550
-
pF
Reverse Transfer Capacitance
CRSS
-
150
-
pF
Thermal Resistance Junction-to-Ambient
RθJA
Pulse width = 1s
Device mounted on FR-4 material
-
-
62.5
oC/W
P-Channel Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Voltage
VSD
ISD = -2.5A
-
-
-1.25
V
Reverse Recovery Time
trr
ISD = -2.5A, dISD/dt = -100A/µs-
-
55
ns
Typical Performance Curves (N-Channel)
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
TA, AMBIENT TEMPERATURE (
oC)
0.0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
2.0
1.0
0.5
0.0
25
50
75
100
125
150
1.5
3.0
2.5
TA, AMBIENT TEMPERATURE (
oC)
4.0
3.5
RF1K49092


Similar Part No. - RF1K49092

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
More results

Similar Description - RF1K49092

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49090 INTERSIL-RF1K49090 Datasheet
127Kb / 7P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
   2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
RF1K49224 INTERSIL-RF1K49224 Datasheet
223Kb / 14P
   3.5A/2.5A, 30V, 0.060/0.150 Ohms, Complementary LittleFET??Power MOSFET
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49211 FAIRCHILD-RF1K49211 Datasheet
262Kb / 8P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49154 INTERSIL-RF1K49154 Datasheet
421Kb / 8P
   2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com