Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1K49093 Datasheet(PDF) 7 Page - Intersil Corporation

Part # RF1K49093
Description  2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49093 Datasheet(HTML) 7 Page - Intersil Corporation

  RF1K49093 Datasheet HTML 1Page - Intersil Corporation RF1K49093 Datasheet HTML 2Page - Intersil Corporation RF1K49093 Datasheet HTML 3Page - Intersil Corporation RF1K49093 Datasheet HTML 4Page - Intersil Corporation RF1K49093 Datasheet HTML 5Page - Intersil Corporation RF1K49093 Datasheet HTML 6Page - Intersil Corporation RF1K49093 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
8-158
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
PSPICE Electrical Model
SUBCKT RF1K49093 2 1 3;
rev 10/24/94
CA 12 8 8.75e-10
CB 15 14 8.65e-10
CIN 6 8 7.65e-10
DBODY 5 7 DBDMOD
DBREAK 7 11 DBKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 5 11 17 18 -23.75
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 8 6 1
EVTO 20 6 8 18 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 1.233e-9
LSOURCE 3 7 0.452e-9
MOS1 16 6 8 8 MOSMOD M = 0.99
MOS2 16 21 8 8 MOSMOD M = 0.01
RBREAK 17 18 RBKMOD 1
RDRAIN 5 16 RDSMOD 7.36e-3
RGATE 9 20 6.1
RIN 6 8 1e9
RSOURCE 8 7 RDSMOD 4.56e-2
RVTO 18 19 RVTOMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 8 19 DC 1
VTO 21 6 -0.558
.MODEL DBDMOD D (IS = 3.0e-13 RS = 4.4e-2 TRS1 = 1.0e-3 TRS2 = -7.37e-6 CJO = 1.27e-9 TT = 2.2e-8)
.MODEL DBKMOD D (RS = 7.84e-2 TRS1 = -4.27e-3 TRS2 = 5.77e-5)
.MODEL DPLCAPMOD D (CJO = 2.85e-10 IS = 1e-30 N = 10)
.MODEL MOSMOD PMOS (VTO = -2.1423 KP = 9.206 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL RBKMOD RES (TC1 = 9.61e-4 TC2 = -1.09e-6)
.MODEL RDSMOD RES (TC1 = 2.10e-3 TC2 = 6.99e-6)
.MODEL RVTOMOD RES (TC1 = -1.82e-3 TC2 = 1.47e-7)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 5.47 VOFF= 3.47)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 3.47 VOFF= 5.47)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 1.05 VOFF= -3.95)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3.95 VOFF= 1.05)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991.
12
13
8
14
13
13
15
S1A
S1B
S2A
S2B
1
GATE
LGATE RGATE
EVTO
+
CA
CB
EGS
EDS
RIN
CIN
MOS1
MOS2
RDRAIN
DBREAK
EBREAK
DBODY
LDRAIN
DRAIN
RSOURCE
LSOURCE
SOURCE
RBREAK
RVTO
VBAT
IT
VTO
ESG
DPLCAP
6
10
5
16
21
11
8
14
7
3
17
18
19
2
+
+
+
+
+
20
9
17
18
-
5
8
-
-
+
6
8
18
8
-
-
-
6
8
-
RF1K49093


Similar Part No. - RF1K49093

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49090 INTERSIL-RF1K49090 Datasheet
127Kb / 7P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
More results

Similar Description - RF1K49093

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49090 INTERSIL-RF1K49090 Datasheet
127Kb / 7P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49223 FAIRCHILD-RF1K49223 Datasheet
235Kb / 9P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49154 INTERSIL-RF1K49154 Datasheet
421Kb / 8P
   2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49154 FAIRCHILD-RF1K49154 Datasheet
288Kb / 8P
   2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
   7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com