Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC667 Datasheet(PDF) 1 Page - NEC

Part # UPC667
Description  10-BIT D/A CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC667 Datasheet(HTML) 1 Page - NEC

  UPC667 Datasheet HTML 1Page - NEC UPC667 Datasheet HTML 2Page - NEC UPC667 Datasheet HTML 3Page - NEC UPC667 Datasheet HTML 4Page - NEC UPC667 Datasheet HTML 5Page - NEC UPC667 Datasheet HTML 6Page - NEC UPC667 Datasheet HTML 7Page - NEC UPC667 Datasheet HTML 8Page - NEC UPC667 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1993, 1996
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC667
10-BIT D/A CONVERTER
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
Document No. S11099EJ2V0DS00 (2nd edition)
(Previous No. IC-3250)
Date Published February 1996 P
Printed in Japan
The
µPC667 is high-speed and high-precision 10-bit D/A converter.
Clock rate of the
µPC667 is 60 Msps. Conversion precision of the µPC667 is ±1.0 LSB.
FEATURES
Resolution
10-bit
Clock rate
60 Msps
Technology
Bi-CMOS
Power supply
+5 V
D/A conversion method
R-2R ladder resistance and segment summing system
Analog output form
Voltage output type
Built-in reference voltage generating circuit
ORDERING INFORMATION
Part Number
Package
µPC667CT
30-pin plastic shrink DIP (400 mil)


Similar Part No. - UPC667

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC667 RENESAS-UPC667 Datasheet
238Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC667CT RENESAS-UPC667CT Datasheet
238Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
More results

Similar Description - UPC667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
5962-8850501RA AD-5962-8850501RA Datasheet
593Kb / 10P
   10-Bit A/D Converter
REV. B
AD573 AD-AD573 Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573 AD-AD573_17 Datasheet
517Kb / 11P
   10-Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com