Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL200G Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # RL200G
Description  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

RL200G Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  RL200G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd RL200G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RL200G THRU RL207G
0 .6
.0 1
0 .1
1 .0
10
0 .8
1 .0
1 .2
1 .4 1 .5
20
T
J
=25
Pulse Width=300
s
0
40
100
0
0
1
0
1
1
20
T J=125
8.3ms Single Half
sine=wave
80
60
0.1
1
1 0
1 0 0
1 0
1 0 0
TJ=25
2 0
1
4
0
0.5
1.0
1.5
2.0
55
Single Phase
Half Wave 60H Z
Resistive or
Inductive Load
150
2.5
PERCENT OF RATED PEAK REVERSE VOLTAGE%
FIG.5 -- TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISRIC
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 --TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
TJ=100
0.1
1
0
20
40
60
80
100
120
140
10
TJ=25
.01
http://www.yeashin.com
2
REV.03 20150105
RATING AND CHARACTERISTIC CURVES


Similar Part No. - RL200G

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RL200 YEASHIN-RL200 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Amphenol Corporation
RL2003-13.2K-150-K AMPHENOL-RL2003-13.2K-150-K Datasheet
65Kb / 2P
   Low cost solid state sensor
RL2003-289-95-K AMPHENOL-RL2003-289-95-K Datasheet
65Kb / 2P
   Low cost solid state sensor
RL2003-62.4-73-K AMPHENOL-RL2003-62.4-73-K Datasheet
65Kb / 2P
   Low cost solid state sensor
RL2004-16.4-59-M AMPHENOL-RL2004-16.4-59-M Datasheet
65Kb / 2P
   Low cost solid state sensor
More results

Similar Description - RL200G

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Jun-16
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com