Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # S1A
Description  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

S1A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  S1A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd S1A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FE ATURES
• For surface mounted applications
• High temperature metallurgically bonded-no
compression contacts as found in other
diode-constructed rectifiers
• Glass passivated junction
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Complete device submersible temperature of
260
for 10 seconds in solder bath
• High temperature soldering : 260OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHAN IC AL D ATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12mm tape (EIA-481)
M AXIMUM R ATI NGS AND ELECTRICAL
CH AR ACTERISTI CS
Ratings at 25
Jambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
S1A
S1B
S1D
S1G
S1J
S1K
S1M
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
at TL = 100
I(AV)
1.0
Amps
Peak Forward Surge Current 8.3ms single half
sine wave
superimposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
1.10
Volts
Maximum DC Reverse Current TA=25
At Rated DC Blocking Voltage TA=125
I R
5.0
50
uA
Maximum Reverse Recovery Time (Note 1)
TRR
2.5
S
Typical Junction capacitance (Note 2)
CJ
12
PF
Typical Thermal Resistance (Note 3)
R
30.0
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and Applied Vr=4.0 volts
3. 8.0mm2 (.013mm thick) land areas
.083(2.11 )
.075(1.91)
.012(.305 )
.006(.152)
.012(.31)
.006(.15)
.008(.203)
.002(.051 )
.050(1.27 )
.030(0.76 )
SMB/DO-214AA
Unit:inch(mm)
.155 (3.94 )
.130(3.30 )
.185(4.70)
.160(4.06 )
.096 (2.44 )
.083 (2.13)
.220 (5.59 )
.200(5.08 )
θ JL
http://www.yeashin.com
1
REV.03 20150105
DATA SHEET
S1A THRU S1M
SEMICONDUCTOR
°C
°C
°C
°C
°C
°C
u
°C


Similar Part No. - S1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1A PANJIT-S1A Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
S1A DGNJDZ-S1A Datasheet
143Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Silicon Standard Corp.
S1A SSC-S1A Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
S1A TSC-S1A Datasheet
196Kb / 2P
   1.0AMP Surface Mount Rectifiers
logo
General Semiconductor
S1A GE-S1A Datasheet
80Kb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - S1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com