Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD10P03L Datasheet(PDF) 8 Page - Intersil Corporation

Part # RFD10P03L
Description  10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD10P03L Datasheet(HTML) 8 Page - Intersil Corporation

  RFD10P03L Datasheet HTML 1Page - Intersil Corporation RFD10P03L Datasheet HTML 2Page - Intersil Corporation RFD10P03L Datasheet HTML 3Page - Intersil Corporation RFD10P03L Datasheet HTML 4Page - Intersil Corporation RFD10P03L Datasheet HTML 5Page - Intersil Corporation RFD10P03L Datasheet HTML 6Page - Intersil Corporation RFD10P03L Datasheet HTML 7Page - Intersil Corporation RFD10P03L Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-10
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
PSpice Thermal Model
REV 29 Aug 96
RFP10P03L
CTHERM1 7 6 5.00e-7
CTHERM2 6 5 5.35e-4
CTHERM3 5 4 5.50e-4
CTHERM4 4 3 1.75e-3
CTHERM5 3 2 1.25e-2
CTHERM6 2 1 0.45
RTHERM1 7 6 1.00e-2
RTHERM2 6 5 2.05e-2
RTHERM3 5 4 5.39e-2
RTHERM4 4 3 5.45e-1
RTHERM5 3 2 1.01
RTHERM6 2 1 0.50
RFD10P03L, RFD10P03LSM
CTHERM1 7 6 5.00e-7
CTHERM2 6 5 5.35e-4
CTHERM3 5 4 5.50e-4
CTHERM4 4 3 1.75e-3
CTHERM5 3 2 1.25e-2
CTHERM6 2 1 0.11
RTHERM1 7 6 1.00e-2
RTHERM2 6 5 2.05e-2
RTHERM3 5 4 5.39e-2
RTHERM4 4 3 5.45e-1
RTHERM5 3 2 1.01
RTHERM6 2 1 0.50
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
1
2
3
4
5
6
7
JUNCTION
CASE
RFD10P03L, RFD10P03LSM, RFP10P03L


Similar Part No. - RFD10P03L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD10P03L FAIRCHILD-RFD10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200W, Logic Level P-Channel Power MOSFET
logo
Harris Corporation
RFD10P03L HARRIS-RFD10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
RFD10P03L-251 VBSEMI-RFD10P03L-251 Datasheet
955Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Harris Corporation
RFD10P03LSM HARRIS-RFD10P03LSM Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
RFD10P03LSM9A HARRIS-RFD10P03LSM9A Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
More results

Similar Description - RFD10P03L

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RFP10P03L HARRIS-RFP10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
   10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
RFD10P03L FAIRCHILD-RFD10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200W, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
   10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
   10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HP4410DY FAIRCHILD-HP4410DY Datasheet
151Kb / 6P
   10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
logo
Intersil Corporation
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
   2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
   9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com