Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448DW Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBD4448DW
Description  Switching Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD4448DW Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD4448DW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
MMBD4448DW (KMBD4448DW)
Features
Fast Switching Speed
For General Purpose Switching Applications.
High Conductance
Ultra-Small Surface Mount Package
6
1
5
2
4
3
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
100
Peak Repetitive Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
53
Average Rectified Output Current
IO
250
Forward Continuous Current
IFM
500
Peak Forward Surge Current @ t=1.0us
4
@t =1s
1.5
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
IFSM
A
75
V
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100uA
75
VF1
IF= 5mA
0.62
0.72
VF2
IF= 10 mA
0.855
VF3
IF= 50 mA
1
VF4
IF= 150 mA
1.25
IR1
VR= 75 V
2.5
IR2
VR= 75 V,TJ = 150℃
50
IR3
VR= 25V,TJ = 150℃
30
IR4
VR=20 V
25
nA
Junction capacitance
Cj
VR= 0 V, f= 1 MHz
4
pF
Reverse recovery time
trr
IF=IR=10mA,Irr=0.1xIR, RL=100Ω
4
ns
Forward voltage
V
Reverse voltage leakage current
uA
Marking
Marking
KA3


Similar Part No. - MMBD4448DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448DW DIODES-MMBD4448DW Datasheet
54Kb / 1P
   SURFACE MOUNT SWITCHING DIODE
DS31035 Rev. 2P-1
logo
Goodwork Semiconductor ...
MMBD4448DW GWSEMI-MMBD4448DW Datasheet
1Mb / 3P
   Plastic-Encapsulate Diodes
logo
Diodes Incorporated
MMBD4448DW DIODES-MMBD4448DW Datasheet
70Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS31035 Rev. 6 - 2
MMBD4448DW DIODES-MMBD4448DW Datasheet
86Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
MMBD4448DW SECOS-MMBD4448DW Datasheet
639Kb / 2P
   Surface Mount Switching Diode Arra
More results

Similar Description - MMBD4448DW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com