Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16CM-12LB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR16CM-12LB
Description  600V - 16A - Triac Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CM-12LB Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR16CM-12LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 8Page - Renesas Technology Corp BCR16CM-12LB_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BCR16CM-12LB
Preliminary
R07DS1032EJ0400 Rev.4.00
Page 2 of 8
Feb 25, 2013
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 150
C, V
DRM applied
On-state voltage
VTM
1.5
V
Tc = 25
C, I
TM = 25 A,
Instantaneous measurement
VFGT
1.5
V

VRGT
1.5
V
Gate trigger voltage
Note2

VRGT
1.5
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
30
Note6
mA

IRGT
30
Note6
mA
Gate trigger current
Note2

IRGT
30
Note6
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
Gate non-trigger voltage
VGD
0.2/0.1
V
Tj = 125
C/150C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
1.4
C/W
Junction to case
Note3 Note4
Critical-rate of rise of off-state
commutating voltage
Note5
(dv/dt)c
10/1
V/
s
Tj = 125
C/150C
Notes: 1. Gate open.
2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured at the T2 tab 1.5 mm away from the molded case.
4. The contact thermal resistance Rth (c-f) in case of greasing is 1.0°C/W.
5. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
6. High sensitivity (IGT  20 mA) is also available. (IGT item: 1)
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
C/150C
2. Rate of decay of on-state commutating current
(di/dt)c = – 8.0 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR16CM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CM-12LB-A8 RENESAS-BCR16CM-12LB-A8 Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR16CM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16FM-12LB RENESAS-BCR16FM-12LB_15 Datasheet
163Kb / 8P
   600V - 16A - Triac Medium Power Use
BCR16PR-12LB RENESAS-BCR16PR-12LB_15 Datasheet
68Kb / 4P
   600V - 16A - Triac Medium Power Use
BCR16FR-12LB RENESAS-BCR16FR-12LB Datasheet
498Kb / 8P
   600V - 16A - Triac Medium Power Use
Oct. 10, 2019
BCR16PR-12LB RENESAS-BCR16PR-12LB Datasheet
68Kb / 4P
   600V - 16A - Triac Medium Power Use
BCR16FM-12LC RENESAS-BCR16FM-12LC Datasheet
514Kb / 9P
   600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16PM-12LC RENESAS-BCR16PM-12LC_15 Datasheet
200Kb / 8P
   600V ??16A - Triac Medium Power Use
BCR16FM-12LB RENESAS-BCR16FM-12LB Datasheet
523Kb / 9P
   600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16CM-12LC RENESAS-BCR16CM-12LC_15 Datasheet
147Kb / 8P
   600V - 16A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com