Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP15P06 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP15P06
Description  15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP15P06 Datasheet(HTML) 1 Page - Intersil Corporation

  RFP15P06 Datasheet HTML 1Page - Intersil Corporation RFP15P06 Datasheet HTML 2Page - Intersil Corporation RFP15P06 Datasheet HTML 3Page - Intersil Corporation RFP15P06 Datasheet HTML 4Page - Intersil Corporation RFP15P06 Datasheet HTML 5Page - Intersil Corporation RFP15P06 Datasheet HTML 6Page - Intersil Corporation RFP15P06 Datasheet HTML 7Page - Intersil Corporation RFP15P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-103
File Number
3988.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD15P06, RFD15P06SM, RFP15P06
15A, 60V, 0.150 Ohm, P-Channel Power
MOSFETs
These P-Channel power MOSFETs are manufactured using
the MegaFET process. This process which uses feature
sizes approaching those of LSI integrated circuits, gives
optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers, and relay drivers. These transistors can be operated
directly from integrated circuits.
Formerly developmental type TA09833.
Features
• 15A, 60V
•rDS(ON) = 0.150Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD15P06
TO-251AA
F15P06
RFD15P06SM
TO-252AA
F15P06
RFP15P06
TO-220AB
RFP15P06
NOTE: When ordering, use the entire part number. Add the suffix 9A to
obtain the TO-252AA variant in the tape and reel, i.e., RFD15P06SM9A.
D
G
S
JEDEC TO-220AB
JEDEC TO-251AA
JEDEC TO-252AA
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
SOURCE
DRAIN (FLANGE)
GATE
DRAIN
GATE
SOURCE
DRAIN (FLANGE)
Data Sheet
July 1999


Similar Part No. - RFP15P06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP15P05 INTERSIL-RFP15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP15P05 VBSEMI-RFP15P05 Datasheet
938Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP15P05 ISC-RFP15P05 Datasheet
289Kb / 2P
   isc P-Channel MOSFET Transistor
2023-8-17
More results

Similar Description - RFP15P06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
RFG30P06 INTERSIL-RFG30P06 Datasheet
71Kb / 8P
   30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com