Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3440CRWZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADuM3440CRWZ
Description  Quad Channel, High Speed Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3440CRWZ Datasheet(HTML) 5 Page - Analog Devices

  ADuM3440CRWZ Datasheet HTML 1Page - Analog Devices ADuM3440CRWZ Datasheet HTML 2Page - Analog Devices ADuM3440CRWZ Datasheet HTML 3Page - Analog Devices ADuM3440CRWZ Datasheet HTML 4Page - Analog Devices ADuM3440CRWZ Datasheet HTML 5Page - Analog Devices ADuM3440CRWZ Datasheet HTML 6Page - Analog Devices ADuM3440CRWZ Datasheet HTML 7Page - Analog Devices ADuM3440CRWZ Datasheet HTML 8Page - Analog Devices ADuM3440CRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADuM3440/ADuM3441/ADuM3442
Rev. D | Page 5 of 24
ELECTRICAL CHARACTERISTICS—3.3 V OPERATION
All voltages are relative to their respective ground. 3.0 V ≤ VDD1 ≤ 3.6 V, 3.0 V ≤ VDD2 ≤ 3.6 V. All minimum/maximum specifications apply
over the entire recommended operation range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
IDDI (Q)
0.43
0.90
mA
Output Supply Current per Channel, Quiescent
IDDO (Q)
0.3
0.60
mA
ADuM3440, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
1.7
2.4
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2(Q)
1.2
1.7
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 Supply Current
IDD1(150)
63
110
mA
75 MHz logic signal frequency
VDD2 Supply Current
IDD2(150)
17
25
mA
75 MHz logic signal frequency
ADuM3441, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
1.6
2.2
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2(Q)
1.3
1.9
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 Supply Current
IDD1(150)
52
80
mA
75 MHz logic signal frequency
VDD2 Supply Current
IDD2(150)
29
40
mA
75 MHz logic signal frequency
ADuM3442, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 or VDD2 Supply Current
IDD1(Q), IDD2(Q)
1.5
2.0
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 or VDD2 Supply Current
IDD1(150), IDD2(150)
40
66
mA
75 MHz logic signal frequency
For All Models
Input Currents
IIA, IIB, IIC,
IID, IE1, IE2
−10
+0.01
+10
µA
0
≤ VIA, VIB, VIC, VID VDD1 or VDD2,
0
VE1, VE2 VDD1 or VDD2
Logic High Input Threshold
VIH, VEH
1.6
V
Logic Low Input Threshold
VIL, VEL
0.4
V
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
(VDD1 or
VDD2) − 0.1
3.0
V
IOx = −20 µA, VIx = VIxH
(VDD1 or
VDD2) − 0.4
2.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.04
0.1
V
IOx = 400 µA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
Minimum Pulse Width2
PW
6.67
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
150
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
20
36
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|4
PWD
0.5
2
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
3
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
16
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels6
tPSKCD
2
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing Directional Channels5
tPSKOD
5
ns
CL = 15 pF, CMOS signal levels


Similar Part No. - ADuM3440CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
More results

Similar Description - ADuM3440CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com