Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3441CRWZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM3441CRWZ
Description  Quad Channel, High Speed Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3441CRWZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM3441CRWZ Datasheet HTML 3Page - Analog Devices ADuM3441CRWZ Datasheet HTML 4Page - Analog Devices ADuM3441CRWZ Datasheet HTML 5Page - Analog Devices ADuM3441CRWZ Datasheet HTML 6Page - Analog Devices ADuM3441CRWZ Datasheet HTML 7Page - Analog Devices ADuM3441CRWZ Datasheet HTML 8Page - Analog Devices ADuM3441CRWZ Datasheet HTML 9Page - Analog Devices ADuM3441CRWZ Datasheet HTML 10Page - Analog Devices ADuM3441CRWZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADuM3440/ADuM3441/ADuM3442
Rev. D | Page 7 of 24
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3.3 V OR 3.3 V/5 V OPERATION
All voltages are relative to their respective ground. 5 V/3.3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 3.0 V ≤ VDD2 ≤ 3.6 V; 3 V/5 V operation:
3.0 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All minimum/maximum specifications apply over the entire recommended operating range,
unless otherwise noted. All typical specifications are at TA = 25°C; VDD1 = 3.3 V, VDD2 = 5 V or VDD1 = 5 V, VDD2 = 3.3 V.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
IDDI (Q)
5 V/3.3 V Operation
0.75
1.3
mA
3.3 V/5 V Operation
0.43
0.9
mA
Output Supply Current per Channel, Quiescent
IDDO (Q)
5 V/3.3 V Operation
0.3
0.7
mA
3.3 V/5 V Operation
0.5
1.2
mA
ADuM3440, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
5 V/3.3 V Operation
3
3.9
mA
DC to 1 MHz logic signal frequency
3.3 V/5 V Operation
1.7
2.4
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2(Q)
5 V/3.3 V Operation
1.2
1.7
mA
DC to 1 MHz logic signal frequency
3.3 V/5 V Operation
2
3
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 Supply Current
IDD1(150)
5 V/3.3 V Operation
120
220
mA
75 MHz logic signal frequency
3.3 V/5 V Operation
63
110
mA
75 MHz logic signal frequency
VDD2 Supply Current
IDD2(150)
5 V/3.3 V Operation
17
25
mA
75 MHz logic signal frequency
3.3 V/5 V Operation
47
55
mA
75 MHz logic signal frequency
ADuM3441, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
5 V/3.3 V Operation
2.8
3.6
mA
DC to 1 MHz logic signal frequency
3.3 V/5 V Operation
1.6
2.2
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2(Q)
5 V/3.3 V Operation
1.3
1.9
mA
DC to 1 MHz logic signal frequency
3.3 V/5 V Operation
2.3
2.9
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 Supply Current
IDD1(150)
5 V/3.3 V Operation
101
165
mA
75 MHz logic signal frequency
3.3 V/5 V Operation
52
80
mA
75 MHz logic signal frequency
VDD2 Supply Current
IDD2(150)
5 V/3.3 V Operation
29
40
mA
75 MHz logic signal frequency
3.3 V/5 V Operation
65
80
mA
75 MHz logic signal frequency
ADuM3442, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
5 V/3.3 V Operation
2.5
3.5
mA
DC to 1 MHz logic signal frequency
3.3 V/5 V Operation
1.5
2.0
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2(Q)
5 V/3.3 V Operation
1.5
2.0
mA
DC to 1 MHz logic signal frequency
3.3 V/5 V Operation
2.5
3.5
mA
DC to 1 MHz logic signal frequency


Similar Part No. - ADuM3441CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
More results

Similar Description - ADuM3441CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com