Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV212 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV212
Description  Wavescale Video Codec
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 4 Page - Analog Devices

  ADV212_15 Datasheet HTML 1Page - Analog Devices ADV212_15 Datasheet HTML 2Page - Analog Devices ADV212_15 Datasheet HTML 3Page - Analog Devices ADV212_15 Datasheet HTML 4Page - Analog Devices ADV212_15 Datasheet HTML 5Page - Analog Devices ADV212_15 Datasheet HTML 6Page - Analog Devices ADV212_15 Datasheet HTML 7Page - Analog Devices ADV212_15 Datasheet HTML 8Page - Analog Devices ADV212_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADV212
Rev. B | Page 4 of 44
SPECIFICATIONS
Specifications apply to IOVDD = 2.5 V or 3.3 V over the operating temperature range, unless otherwise specified.
SUPPLY VOLTAGES AND CURRENT
Table 1.
Parameter
Mnemonic
Min
Typ
Max
Unit
DC Supply Voltage, Core
VDD
1.425
1.5
1.575
V
DC Supply Voltage, Input/Output
IOVDD
2.375
2.5
2.625
V
IOVDD
3.135
3.3
3.465
V
Input Range
VIN
−0.3
VDDI/O + 0.3
V
Operating Ambient Temperature Range in Free Air
T
−40
+25
+85
°C
Static Current1
IDD
60
mA
Dynamic Current, Core (JCLK2 Frequency = 150 MHz)3
380
440
mA
Dynamic Current, Core (JCLK2 Frequency = 108 MHz)
280
320
mA
Dynamic Current, Core (JCLK2 Frequency = 81 MHz)
210
290
mA
Dynamic Current, Input/Output
40
50
mA
1
No clock or input/output activity.
2
For a definition of JCLK, see Figure 32.
3
ADV212-150 only.
INPUT/OUTPUT SPECIFICATIONS
Table 2.
Parameter
Mnemonic
Min
Typ
Max
Unit
Test Conditions
High Level Input Voltage
VIH (3.3V)
2.2
V
VDD = maximum
VIH (2.5V)
1.9
V
VDD = maximum
Low Level Input Voltage
VIL (3.3V, 2.5V)
0.6
V
VDD = minimum
High Level Output Voltage
VOH (3.3V)
2.4
V
VDD = minimum, IOH = −0.5 mA
VOH (2.5V)
2.0
V
VDD = minimum, IOH = −0.5 mA
Low Level Output Voltage
VOL (3.3V, 2.5V)
0.4
V
VDD = minimum, IOL = +2 mA
High Level Input Current
IIH
1.0
µA
VDD = maximum, VIN = VDD
Low Level Input Current
IIL
1.0
µA
VDD = maximum, VIN = 0 V
High Level Three-State Leakage Current
IOZH
1.0
µA
VDD = maximum, VIN = VDD
Low Level Three-State Leakage Current
IOZL
1.0
µA
VDD = maximum, VIN = 0 V
Input Pin Capacitance
CI
8
pF
Output Pin Capacitance
CO
8
pF


Similar Part No. - ADV212_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV212BBCZ-115 AD-ADV212BBCZ-115 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV212BBCZ-115 AD-ADV212BBCZ-115 Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV212BBCZ-150 AD-ADV212BBCZ-150 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV212BBCZ-150 AD-ADV212BBCZ-150 Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
More results

Similar Description - ADV212_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
Rev. D
ADV202 AD-ADV202 Datasheet
841Kb / 40P
   JPEG2000 Video Codec
REV. 0
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
   Ultralow Cost Video Codec
REV. 0
ADV601 AD-ADV601 Datasheet
606Kb / 52P
   Low Cost Multiformat Video Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com