Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV453 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV453
Description  CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV453 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV453_15 Datasheet HTML 4Page - Analog Devices ADV453_15 Datasheet HTML 5Page - Analog Devices ADV453_15 Datasheet HTML 6Page - Analog Devices ADV453_15 Datasheet HTML 7Page - Analog Devices ADV453_15 Datasheet HTML 8Page - Analog Devices ADV453_15 Datasheet HTML 9Page - Analog Devices ADV453_15 Datasheet HTML 10Page - Analog Devices ADV453_15 Datasheet HTML 11Page - Analog Devices ADV453_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADV453
REV. B
–8–
Frame Buffer Interface
The P0–P7, OL0 and OL1 inputs are used to address the color
palette RAM and overlay registers, as shown in Table IV. These
inputs are latched on the rising edge of CLOCK and address
any of the 256 locations in the color palette RAM or the three
overlay registers. The addressed location contains 24 bits of
color (8 bits of red, 8 bits of green and 8 bits of blue) informa-
tion. This data is transferred to the three DACs and is then con-
verted to an analog output (IOR, IOG and IOB), these outputs
then control the red, green and blue electron guns in the monitor.
The SYNC and BLANK inputs are also latched on the rising
edge of CLOCK. This is to maintain synchronization with the
color data.
Table IV. Pixel and Overlay Control Truth Table
OL1
OL0
P0–P7
Addressed by Frame Buffer
0
0
00H
Color Palette RAM Location 00H
0
0
01H
Color Palette RAM Location 01H
••
••
0
0
FFH
Color Palette RAM Location FFH
0
1
XXH
Overlay Color 1
1
0
XXH
Overlay Color 2
1
1
XXH
Overlay Color 3
Analog Interface
The ADV453 has three analog outputs, corresponding to the
red, green and blue video signals. A fourth analog output
(ISYNC) can be used if it is required to encode video synchroni-
zation information onto the green signal. In this case, ISYNC is
connected to IOG as shown in Figure 3. If it is not required to
encode sync information onto the green signal (as would be the
case if a separate synchronization circuit was used), ISYNC
should be connected to GND and the digital SYNC input pin
should be tied low.
Figure 3. Encoding SYNC onto Green Signal
The red, green and blue analog outputs of the ADV453 are high
impedance current sources. Each one of these three RGB cur-
rent outputs is capable of directly driving a 37.5
Ω load, such as
a doubly-terminated 75
Ω coaxial cable. Figure 4a shows the re-
quired configuration for each of the three RGB outputs con-
nected into a doubly-terminated 75
Ω load. This arrangement
will develop RS-343A video output voltage levels across a 75
monitor. A simple method of driving RS-170 video levels into a
75
Ω monitor is shown in Figure 4b. The output current levels
of the DACs remain unchanged, but the source termination re-
sistance, ZS, on each of the three DACs is increased from 75
to 150
Ω.
Figure 4a. Recommended Analog Output Termination
for RS-343A
Figure 4b. Recommended Analog Output Termination
for RS-170
More detailed information regarding load terminations for vari-
ous output configurations, including RS-343A and RS-170, is
available in an application note entitled “Video Formats &
Required Load Terminations,” available from Analog Devices.
Figure 5 shows the video waveforms associated with the three
RGB outputs, driving the doubly terminated 75
Ω load of Fig-
ure 4a. As well as the gray scale levels, black level to white level,
the diagram also shows the contributions of SYNC and BLANK.
These control inputs add appropriately weighted currents to the
analog outputs producing the specific output level requirements
for video applications. Table V details how the SYNC and
BLANK
inputs modify the output levels.


Similar Part No. - ADV453_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV453TE/883B AD-ADV453TE/883B Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
ADV453TQ/883B AD-ADV453TQ/883B Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
More results

Similar Description - ADV453_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
ADV475 AD-ADV475_15 Datasheet
1Mb / 3P
   CMOS 80 MHZ MONOLITHIC 2560 WORD POWER DOWN COLOR PALETTE RAM DACS
REV. 0
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Texas Instruments
TLC34058 TI1-TLC34058 Datasheet
481Kb / 26P
[Old version datasheet]   256 횞 24 COLOR PALETTE
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
UMC Corporation
UM70C171 UMC-UM70C171 Datasheet
626Kb / 15P
   Color Palette With Triple 6-Bit DAC
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com