Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA53A27F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RNA53A27F
Description  System Organizer IC for Dedicate Microcomputer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA53A27F Datasheet(HTML) 3 Page - Renesas Technology Corp

  RNA53A27F_15 Datasheet HTML 1Page - Renesas Technology Corp RNA53A27F_15 Datasheet HTML 2Page - Renesas Technology Corp RNA53A27F_15 Datasheet HTML 3Page - Renesas Technology Corp RNA53A27F_15 Datasheet HTML 4Page - Renesas Technology Corp RNA53A27F_15 Datasheet HTML 5Page - Renesas Technology Corp RNA53A27F_15 Datasheet HTML 6Page - Renesas Technology Corp RNA53A27F_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RNA53A27F
Target Specification
R03DS0022EJ0300 Rev.3.00
Page 3 of 6
Jun 26, 2013
Pin Arrangement
1
ROSC
SLP
MR
4
3
2
S0
VOUT
VREFO
VDD
GND
8
7
(Top view)
6
5
Mark Indication
(1) (2) (3)
N 0 2
(1)
Year code
The last digit of year
(2)
Month code
Starting in January "A", "B", "C", "D", "E", "F", "G", "H", "J", "K", "L", "M"
(3)
Week code
View week of month, 1 week
→ "1"
Pin Description
Pin No.
Terminal
Marking
Terminal Name
I/O
Function
1
ROSC
Oscillation control resistance
installation terminal
1.1 MΩ is installed between GND usually.
Delay adjustment range of resistance: 650(kΩ) to 1.35(MΩ)
2
SLP
Sleep mode control
I
L: Sleep mode (Power-supply current becomes several μA)
H: Usually mode
Terminal is open, Pull-down in GND
3
MR
Manual reset input
I
Low is input, 5pin(VOUT) output the low level
Set the low pulse width by value is longer 3
μs
Terminal open, pull-up in VDD
4
GND
GND
Sorcing 0 V.
5
VOUT
Reset output
O
Power-supply voltage reaches the value below the detection
voltage, low is output
Low level is input to MR terminal, low is output
Open drain output
Range pull-up resistance: 10(kΩ) to 100(kΩ)
6
VREFO
Standard voltage output
O
Standard voltage (3.05 V typ) for AD/DA is output
Outside puts capacity (0.1 μF) by pursuant for microcomputer
7
VDD
Power-supply terminal
Sorcing power-supply voltage.
8
S0
Delay time switch
I
Delay time is switched. Low: 50 (ms), High: 100 (ms)
Terminal is open, pull-up in Vdd


Similar Part No. - RNA53A27F_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA53A27FUSH1 RENESAS-RNA53A27FUSH1 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
More results

Similar Description - RNA53A27F_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA53A30F RENESAS-RNA53A30F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A27F RENESAS-RNA53A27F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F_15 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
logo
Sanken electric
LC201S SANKEN-LC201S Datasheet
365Kb / 13P
   Power Supply IC for Microcomputer
logo
NXP Semiconductors
M68HC11E20EVS NXP-M68HC11E20EVS Datasheet
388Kb / 2P
   Microcomputer Evaluation System
logo
Mitsumi Electronics, Co...
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
   Universal Organizer, Corrugated
logo
Mitsumi Electronics, Co...
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com