Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7177 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7177
Description  Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7177 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7177_15 Datasheet HTML 4Page - Analog Devices ADV7177_15 Datasheet HTML 5Page - Analog Devices ADV7177_15 Datasheet HTML 6Page - Analog Devices ADV7177_15 Datasheet HTML 7Page - Analog Devices ADV7177_15 Datasheet HTML 8Page - Analog Devices ADV7177_15 Datasheet HTML 9Page - Analog Devices ADV7177_15 Datasheet HTML 10Page - Analog Devices ADV7177_15 Datasheet HTML 11Page - Analog Devices ADV7177_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADV7177/ADV7178
Rev. C | Page 8 of 44
3.3 V DYNAMIC SPECIFICATIONS
VAA = 3.0 V to 3.6 V,1 VREF = 1.235 V, RSET = 300 Ω. All specifications TMIN to TMAX,2 unless otherwise noted.
Table 4.
Parameter
Conditions1
Min
Typ
Max
Unit
FILTER CHARACTERISTICS
Luma Bandwidth3 (Low-Pass Filter)
NTSC mode
Stop-Band Cutoff
>54 dB attenuation
7.0
MHz
Pass-Band Cutoff, F3 dB
>3 dB attenuation
4.2
MHz
Chroma Bandwidth
NTSC mode
Stop-Band Cutoff
>40 dB attenuation
3.2
MHz
Pass-Band Cutoff, F3 dB
>3 dB attenuation
2.0
MHz
Luma Bandwidth3 (Low-Pass Filter)
PAL mode
Stop-Band Cutoff
>50 dB attenuation
7.4
MHz
Pass-Band Cutoff, F3 dB
>3 dB attenuation
5.0
MHz
Chroma Bandwidth
PAL mode
Stop-Band Cutoff
>40 dB attenuation
4.0
MHz
Pass-Band Cutoff, F3 dB
>3 dB attenuation
2.4
MHz
Differential Gain4
Normal power mode
1.0
%
Differential Phase4
Normal power mode
1.0
Degrees
SNR4 (Pedestal)
RMS
70
dB rms
Peak periodic
64
dB p-p
SNR4 (Ramp)
RMS
56
dB rms
Peak periodic
54
dB p-p
Hue Accuracy4
1.2
Degrees
Color Saturation Accuracy4
1.4
%
Luminance Nonlinearity4
1.4
± %
Chroma AM Noise4
NTSC
64
dB
Chroma PM Noise4
NTSC
62
dB
Chroma AM Noise4
PAL
64
dB
Chroma PM Noise4
PAL
62
dB
1 The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V.
2 Temperature range TMIN to TMAX: 0°C to 70°C.
3 These specifications are for the low-pass filter only and are guaranteed by design. For other internal filters, see
.
Table 7
4 Guaranteed by characterization.


Similar Part No. - ADV7177_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7177KS AD-ADV7177KS Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
More results

Similar Description - ADV7177_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. B
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com