Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP8P06LE Datasheet(PDF) 6 Page - Intersil Corporation

Part # RFP8P06LE
Description  8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP8P06LE Datasheet(HTML) 6 Page - Intersil Corporation

  RFP8P06LE Datasheet HTML 1Page - Intersil Corporation RFP8P06LE Datasheet HTML 2Page - Intersil Corporation RFP8P06LE Datasheet HTML 3Page - Intersil Corporation RFP8P06LE Datasheet HTML 4Page - Intersil Corporation RFP8P06LE Datasheet HTML 5Page - Intersil Corporation RFP8P06LE Datasheet HTML 6Page - Intersil Corporation RFP8P06LE Datasheet HTML 7Page - Intersil Corporation RFP8P06LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7-16
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
FIGURE 20. GATE CHARGE TEST CIRCUIT
FIGURE 21. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
RGS
RL
DUT
-VGS
0V
+
-
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
RL
VGS
+
-
VDS
VDD
DUT
-IG(REF)
VDD
Qg(TH)
VGS= -1V
Qg(-5)
VGS= -5V
Qg(TOT)
VGS= -10V
VDS
-VGS
Ig(REF)
0
0
RFD8P06LE, RFD8P06LESM, RFP8P06LE


Similar Part No. - RFP8P06LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP8P06E INTERSIL-RFP8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP8P06E FAIRCHILD-RFP8P06E Datasheet
128Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RFP8P06LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
   2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Fairchild Semiconductor
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
RFT1P06E INTERSIL-RFT1P06E Datasheet
82Kb / 8P
   1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET
RFD8P05 INTERSIL-RFD8P05 Datasheet
51Kb / 6P
   8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com