Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQJ0603LGDQA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RQJ0603LGDQA
Description  Silicon P Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQJ0603LGDQA Datasheet(HTML) 4 Page - Renesas Technology Corp

  RQJ0603LGDQA_15 Datasheet HTML 1Page - Renesas Technology Corp RQJ0603LGDQA_15 Datasheet HTML 2Page - Renesas Technology Corp RQJ0603LGDQA_15 Datasheet HTML 3Page - Renesas Technology Corp RQJ0603LGDQA_15 Datasheet HTML 4Page - Renesas Technology Corp RQJ0603LGDQA_15 Datasheet HTML 5Page - Renesas Technology Corp RQJ0603LGDQA_15 Datasheet HTML 6Page - Renesas Technology Corp RQJ0603LGDQA_15 Datasheet HTML 7Page - Renesas Technology Corp RQJ0603LGDQA_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RQJ0603LGDQA
Preliminary
R07DS0300EJ0600 Rev.6.00
Page 4 of 7
Jan 10, 2014
0
–0.1
–0.2
–0.3
–0.4
0
–4
–8
–12
–16
–20
0.01
0.03
0.1
0.3
1.0
–0.1
–1.0
–0.3
–3
–10
–25
0
25
50
75
100 125 150
–0.2 A
–25
0
25
50
75
100
125
150
–0.2 A
0.1
1
10
–0.1
–1.0
–25
°C
Tc = 75
°C
–1
–10
–100
–1000
–25
0
25
50
75
100
125 150
100
200
300
400
–0.5 A
ID = –1.0 A
ID = –1.0 A
Pulse Test
VGS = –4.5 V
200
100
300
Pulse Test
VGS = –10 V
–0.5 A
–0.2 A
–0.5 A
ID = –1 A
Pulse Test
Tc = 25
°C
25
°C
–0.3
–0.5
–10 V
Pulse Test
Tc = 25
°C
VGS = –4.5 V
Pulse Test
VGS = 0 V
VDS = –60 V
Pulse Test
VDS = –10 V
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Static Drain to Source on State Resistance
vs. Drain Current
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Case Temperature
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Case Temperature
Case Temperature Tc (
°C)
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
Zero Gate Voltage Drain current vs.
Case Temperature
Case Temperature Tc (
°C)


Similar Part No. - RQJ0603LGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQJ0603LGDQATL-E RENESAS-RQJ0603LGDQATL-E Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
logo
VBsemi Electronics Co.,...
RQJ0603LGDQATL-E VBSEMI-RQJ0603LGDQATL-E Datasheet
1Mb / 10P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - RQJ0603LGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com