Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQK0605JGDQA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RQK0605JGDQA
Description  Silicon N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0605JGDQA Datasheet(HTML) 6 Page - Renesas Technology Corp

  RQK0605JGDQA_15 Datasheet HTML 1Page - Renesas Technology Corp RQK0605JGDQA_15 Datasheet HTML 2Page - Renesas Technology Corp RQK0605JGDQA_15 Datasheet HTML 3Page - Renesas Technology Corp RQK0605JGDQA_15 Datasheet HTML 4Page - Renesas Technology Corp RQK0605JGDQA_15 Datasheet HTML 5Page - Renesas Technology Corp RQK0605JGDQA_15 Datasheet HTML 6Page - Renesas Technology Corp RQK0605JGDQA_15 Datasheet HTML 7Page - Renesas Technology Corp RQK0605JGDQA_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RQK0605JGDQA
Preliminary
R07DS0309EJ0600 Rev.6.00
Page 6 of 7
Jan 10, 2014
Package Dimensions
MASS (Typ) [g]
0.011
Previous Code
RENESAS Code
PLSP0003ZB-A
MPAK(T) / MPAK(T)V
JEITA Package Code
SC-59A
© 2013 Renesas Electronics Corporation. All rights reserved.
D
e
A
AA
b
xS
A
M
E
HE
A
A2
A1
S
b
A-A Section
c
Qc
L
L1
LP
A3
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
1.1
0.25
0.4
0.16
1.5
0.95
2.8
0.3
1.3
0.1
1.2
0.5
0.26
3.1
1.65
3.0
0.75
0.55
0.65
0.05


Similar Part No. - RQK0605JGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQK0605JGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com