Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALUC1405B1 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ALUC1405B1
Description  Internally Matched Balanced LNA Module Including Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALUC1405B1 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ALUC1405B1 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALUC1405B1 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALUC1405B1 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
www.asb.co.kr
January 2010
plerowTM ALUC1405B1
Internally Matched Balanced LNA Module
Including Coupler
Description
S-parameters
Noise Figure
OIP3
P1dB
1030~1780 MHz
+5 V
Typical Performance
(Measured)
S-parameters & K Factor


Similar Part No. - ALUC1405B1

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALUC1900B2 ASB-ALUC1900B2 Datasheet
615Kb / 3P
   Internally Matched Balanced LNA Module Including Coupler
January 2010
More results

Similar Description - ALUC1405B1

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALUC1900B2 ASB-ALUC1900B2 Datasheet
615Kb / 3P
   Internally Matched Balanced LNA Module Including Coupler
January 2010
ALUC2535B3 ASB-ALUC2535B3 Datasheet
618Kb / 3P
   Internally Matched Balanced LNA Module Including Coupler
February 2010
ALUC2380B1 ASB-ALUC2380B1 Datasheet
603Kb / 3P
   Internally Matched Balanced LNA Module Including Coupler
January 2010
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com