Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX210 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RX210
Description  Renesas MCUs
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX210 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RX210_15 Datasheet HTML 7Page - Renesas Technology Corp RX210_15 Datasheet HTML 8Page - Renesas Technology Corp RX210_15 Datasheet HTML 9Page - Renesas Technology Corp RX210_15 Datasheet HTML 10Page - Renesas Technology Corp RX210_15 Datasheet HTML 11Page - Renesas Technology Corp RX210_15 Datasheet HTML 12Page - Renesas Technology Corp RX210_15 Datasheet HTML 13Page - Renesas Technology Corp RX210_15 Datasheet HTML 14Page - Renesas Technology Corp RX210_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 11 of 221
Oct 18, 2013
RX210 Group
1. Overview
Note: • Orderable part numbers are current as of when this manual was published. Please make sure to refer to the relevant product
page on the Renesas website for the latest part numbers.
Note: • Please contact Renesas Electronics sales office for derating of operation under Ta = +85°C to +105°C. Derating is the
systematic reduction of load for the sake of improved reliability.
Note: • Orderable part numbers are current as of when this manual was published. Please make sure to refer to the relevant product
page on the Renesas website for the latest part numbers.
Table 1.6
List of Products Chip Version C: D Version (Ta =
40 to +85°C)
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Operating
Frequency
(Max.)
Operating
Temperature
RX210
R5F52108CDFP
R5F52108CDFP#30
PLQP0100KB-A
512 Kbytes
64 Kbytes
8 Kbytes
50 MHz
40 to +85°C
R5F52108CDFN
R5F52108CDFN#30
PLQP0080KB-A
R5F52108CDFM
R5F52108CDFM#30
PLQP0064KB-A
R5F52108CDLJ
R5F52108CDLJ#U0
PTLG0100JA-A
R5F52108CDFF
R5F52108CDFF#V0
PLQP0080JA-A
R5F52108CDFK
R5F52108CDFK#30
PLQP0064GA-A
R5F52107CDFP
R5F52107CDFP#30
PLQP0100KB-A
384 Kbytes
R5F52107CDFN
R5F52107CDFN#30
PLQP0080KB-A
R5F52107CDFM
R5F52107CDFM#30
PLQP0064KB-A
R5F52107CDLJ
R5F52107CDLJ#U0
PTLG0100JA-A
R5F52107CDFF
R5F52107CDFF#V0
PLQP0080JA-A
R5F52107CDFK
R5F52107CDFK#30
PLQP0064GA-A
Table 1.7
List of Products Chip Version C: G Version (Ta =
40 to +105°C)
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Operating
Frequency
(Max.)
Operating
Temperature
RX210
R5F52108CGFP
R5F52108CGFP#30
PLQP0100KB-A
512 Kbytes
64 Kbytes
8 Kbytes
50 MHz
40 to +105°C
R5F52108CGFN
R5F52108CGFN#30
PLQP0080KB-A
R5F52108CGFM
R5F52108CGFM#30
PLQP0064KB-A
R5F52108CGFF
R5F52108CGFF#V0
PLQP0080JA-A
R5F52108CGFK
R5F52108CGFK#30
PLQP0064GA-A
R5F52107CGFP
R5F52107CGFP#30
PLQP0100KB-A
384 Kbytes
R5F52107CGFN
R5F52107CGFN#30
PLQP0080KB-A
R5F52107CGFM
R5F52107CGFM#30
PLQP0064KB-A
R5F52107CGFF
R5F52107CGFF#V0
PLQP0080JA-A
R5F52107CGFK
R5F52107CGFK#30
PLQP0064GA-A


Similar Part No. - RX210_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX2100-48 NTE-RX2100-48 Datasheet
40Kb / 7P
   ECG Techclean Wiper
logo
Renesas Technology Corp
RX210B RENESAS-RX210B Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
More results

Similar Description - RX210_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
   Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
   Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com