Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFG50N05 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFG50N05
Description  50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFG50N05 Datasheet(HTML) 1 Page - Intersil Corporation

  RFG50N05 Datasheet HTML 1Page - Intersil Corporation RFG50N05 Datasheet HTML 2Page - Intersil Corporation RFG50N05 Datasheet HTML 3Page - Intersil Corporation RFG50N05 Datasheet HTML 4Page - Intersil Corporation RFG50N05 Datasheet HTML 5Page - Intersil Corporation RFG50N05 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-462
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFG50N05, RFP50N05
50A, 50V, 0.022 Ohm, N-Channel Power
MOSFETs
These are N-Channel power MOSFET’S manufactured
using the MegaFET process. This process, which uses
feature sizes approaching those of LSI integrated circuits,
gives optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers, relay drivers and emitter switches for bipolar
transistors.
Formerly developmental type TA09772.
Features
• 50A, 50V
•rDS(ON) = 0.022Ω
• UIS Rating Curve (Single Pulse)
• 175oC Operating Temperature
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFG50N05
TO-247
RFG50N05
RFP50N05
TO-220AB
RFP50N05
NOTE: When ordering, include the entire part number.
G
D
S
JEDEC STYLE TO-247
JEDEC TO-220AB
DRAIN
(BOTTOM
SIDE METAL)
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
SOURCE
DRAIN
GATE
Data Sheet
July 1999
File Number
2873.3


Similar Part No. - RFG50N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFG50N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com