Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1S50N06LESM Datasheet(PDF) 8 Page - Intersil Corporation

Part # RF1S50N06LESM
Description  50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1S50N06LESM Datasheet(HTML) 8 Page - Intersil Corporation

  RF1S50N06LESM Datasheet HTML 1Page - Intersil Corporation RF1S50N06LESM Datasheet HTML 2Page - Intersil Corporation RF1S50N06LESM Datasheet HTML 3Page - Intersil Corporation RF1S50N06LESM Datasheet HTML 4Page - Intersil Corporation RF1S50N06LESM Datasheet HTML 5Page - Intersil Corporation RF1S50N06LESM Datasheet HTML 6Page - Intersil Corporation RF1S50N06LESM Datasheet HTML 7Page - Intersil Corporation RF1S50N06LESM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
RFG50N06LE, RFP50N06LE, RF1S50N06LESM


Similar Part No. - RF1S50N06LESM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1S50N06SM FAIRCHILD-RF1S50N06SM Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RF1S50N06SM INTERSIL-RF1S50N06SM Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
More results

Similar Description - RF1S50N06LESM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
RFG50N05 INTERSIL-RFG50N05 Datasheet
47Kb / 6P
   50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Intersil Corporation
RFP45N02L INTERSIL-RFP45N02L Datasheet
78Kb / 8P
   45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com