Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP70N06 Datasheet(PDF) 5 Page - Intersil Corporation

Part # RFP70N06
Description  70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP70N06 Datasheet(HTML) 5 Page - Intersil Corporation

  RFP70N06 Datasheet HTML 1Page - Intersil Corporation RFP70N06 Datasheet HTML 2Page - Intersil Corporation RFP70N06 Datasheet HTML 3Page - Intersil Corporation RFP70N06 Datasheet HTML 4Page - Intersil Corporation RFP70N06 Datasheet HTML 5Page - Intersil Corporation RFP70N06 Datasheet HTML 6Page - Intersil Corporation RFP70N06 Datasheet HTML 7Page - Intersil Corporation RFP70N06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-478
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 13. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. SWITCHING WAVEFORMS
Typical Performance Curves
Unless Otherwise Specified (Continued)
5000
1000
0
0
5
10
15
20
25
4000
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
3000
2000
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGS
60
45
30
15
0
10
7.5
5
2.5
0
IG(REF)
IG(ACT)
20
IG(REF)
IG(ACT)
80
t, TIME (
µs)
RL = 0.86Ω
IG(REF) = 2.2mA
VGS = 10V
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
VDD = BVDSS
VDD = BVDSS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFG70N06, RFP70N06, RF1S70N06SM


Similar Part No. - RFP70N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP70N06 FAIRCHILD-RFP70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
Thinki Semiconductor Co...
RFP70N06 THINKISEMI-RFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
RFP70N06 VBSEMI-RFP70N06 Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RFP70N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFK70N06 INTERSIL-RFK70N06 Datasheet
86Kb / 8P
   70A, 60V, 0.014 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP70N06 TAK_CHEONG-TFP70N06 Datasheet
326Kb / 8P
   N-Channel Power MOSFET 70A, 60V, 0.014廓
logo
Fairchild Semiconductor
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
FSJ055D INTERSIL-FSJ055D Datasheet
325Kb / 9P
   70A, 60V, 0.012 Ohm, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
October 1999
logo
Fairchild Semiconductor
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75645P3 FAIRCHILD-HUFA75645P3 Datasheet
236Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75337G3 INTERSIL-HUF75337G3 Datasheet
106Kb / 9P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com