Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1S70N06SM Datasheet(PDF) 6 Page - Intersil Corporation

Part # RF1S70N06SM
Description  70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1S70N06SM Datasheet(HTML) 6 Page - Intersil Corporation

  RF1S70N06SM Datasheet HTML 1Page - Intersil Corporation RF1S70N06SM Datasheet HTML 2Page - Intersil Corporation RF1S70N06SM Datasheet HTML 3Page - Intersil Corporation RF1S70N06SM Datasheet HTML 4Page - Intersil Corporation RF1S70N06SM Datasheet HTML 5Page - Intersil Corporation RF1S70N06SM Datasheet HTML 6Page - Intersil Corporation RF1S70N06SM Datasheet HTML 7Page - Intersil Corporation RF1S70N06SM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-479
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORM
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
RFG70N06, RFP70N06, RF1S70N06SM


Similar Part No. - RF1S70N06SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1S70N06SM FAIRCHILD-RF1S70N06SM Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
VBsemi Electronics Co.,...
RF1S70N06SM VBSEMI-RF1S70N06SM Datasheet
960Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RF1S70N06SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFK70N06 INTERSIL-RFK70N06 Datasheet
86Kb / 8P
   70A, 60V, 0.014 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP70N06 TAK_CHEONG-TFP70N06 Datasheet
326Kb / 8P
   N-Channel Power MOSFET 70A, 60V, 0.014廓
logo
Fairchild Semiconductor
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
FSJ055D INTERSIL-FSJ055D Datasheet
325Kb / 9P
   70A, 60V, 0.012 Ohm, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
October 1999
logo
Fairchild Semiconductor
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75645P3 FAIRCHILD-HUFA75645P3 Datasheet
236Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75337G3 INTERSIL-HUF75337G3 Datasheet
106Kb / 9P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com