Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFK25N20 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFK25N20
Description  25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFK25N20 Datasheet(HTML) 4 Page - Intersil Corporation

  RFK25N20 Datasheet HTML 1Page - Intersil Corporation RFK25N20 Datasheet HTML 2Page - Intersil Corporation RFK25N20 Datasheet HTML 3Page - Intersil Corporation RFK25N20 Datasheet HTML 4Page - Intersil Corporation RFK25N20 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
3
2
1
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V
ID = 25A
0
PULSE DURATION = 80
µs
0.9
0.8
0.7
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS
ID = 250µA
1.0
1.2
1.1
1.3
010
20
30
40
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
3000
2000
1000
CISS
COSS
CRSS
0
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
0.75BVDSS
0.75BVDSS
0.50BVDSS
0.50BVDSS
0.25BVDSS
0.25BVDSS
GATE
SOURCE
VOLTAGE
VDD = BVDSS
VDD = BVDSS
IG(REF)
IG(ACT)
20
80
DRAIN TO SOURCE VOLTAGE
IG(REF)
IG(ACT)
RL = 8Ω
IG(REF) = 2mA
VGS = 10V
t, TIME (
µs)
200
150
100
50
0
10
8
6
4
0
2
RFK25N18, RFK25N20


Similar Part No. - RFK25N20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFK25P08 INTERSIL-RFK25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P08 NJSEMI-RFK25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFK25P10 INTERSIL-RFK25P10 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P10 NJSEMI-RFK25P10 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RFK25N20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM12N18 INTERSIL-RFM12N18 Datasheet
35Kb / 4P
   12A, 180V and 200V, 0.250 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1N10 NJSEMI-RFL1N10 Datasheet
96Kb / 2P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com