Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C10W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX84C10W
Description  Surface Mount Zener Voltage Regulator Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX84C10W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BZX84C10W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX84C10W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BZX84CxxxW Series
200 mW SOT-323 Series
Surface Mount Zener Voltage Regulator Diodes
01-July-2009 Rev. B
Page 1 of 2
1
1
1
1
2
2
2
2
3
3
3
3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar
die construction
200mW
power dissipation
Zener
voltages from 2.4V - 39V
Ultra-small surface mount package
power dissipation
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNITS
Forward Voltage (Note 2) @ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air
RθJA
625
°C / W
Junction and Storage Temperature Range
TJ, TSTG
-65 ~ 150
°C
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise s pecified)
Zener Voltage Range (Note 2)
Maximum Zener
Impedance (Note 3)
Maximum
Reverse
Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@VR
Temperature
Coefficient
Zener Voltage
@ IZT = 5mA
(mV/°C)
Type Number
Marking
Code
Nom (V)
Min (V)
Max (V)
mA
mA
uA
V
Min
Max
BZX84C2V4W
KRB
2.4
2.2
2.6
5
100
600
1
50
1
-3.5
0
BZX84C2V7W
KRC
2.7
2.5
2.9
5
100
600
1
20
1
-3.5
0
BZX84C3V0W
KRD
3
2.8
3.2
5
95
600
1
20
1
-3.5
0
BZX84C3V3W
KRE
3.3
3.1
3.5
5
95
600
1
5
1
-3.5
0
BZX84C3V6W
KRF
3.6
3.4
3.8
5
90
600
1
5
1
-3.5
0
BZX84C3V9W
KRG
3.9
3.7
4.1
5
90
600
1
3
1
-3.5
0
BZX84C4V3W
KRH
4.3
4
4.6
5
90
600
1
3
1
-3.5
0
BZX84C4V7W
KR1
4.7
4.4
5
5
80
600
1
3
2
-3.5
0.2
BZX84C5V1W
KR2
5.1
4.8
5.4
5
60
500
1
2
2
-2.7
1.2
BZX84C5V6W
KR3
5.6
5.2
6
5
40
480
1
1
2
-2
2.5
BZX84C6V2W
KR4
6.2
5.8
6.6
5
10
400
1
3
4
0.4
3.7
BZX84C6V8W
KR5
6.8
6.4
7.2
5
15
150
1
2
4
1.2
4.5
BZX84C7V5W
KR6
7.5
7
7.9
5
15
80
1
1
5
2.5
5.3
BZX84C8V2W
KR7
8.2
7.7
8.7
5
15
80
1
0.7
5
3.2
6.2
BZX84C9V1W
KR8
9.1
8.5
9.6
5
15
80
1
0.5
6
3.8
7
BZX84C10W
KR9
10
9.4
10.6
5
20
100
1
0.2
7
4.5
8
BZX84C11W
KP1
11
10.4
11.6
5
20
150
1
0.1
8
5.4
9
BZX84C12W
KP2
12
11.4
12.7
5
25
150
1
0.1
8
6
10
BZX84C13W
KP3
13
12.4
14.1
5
30
150
1
0.1
8
7
11
BZX84C15W
KP4
15
13.8
15.6
5
30
170
1
0.1
10.5
9.2
13
BZX84C16W
KP5
16
15.3
17.1
5
40
200
1
0.1
11.2
10.4
14
BZX84C18W
KP6
18
16.8
19.1
5
45
200
1
0.1
12.6
12.4
16
BZX84C20W
KP7
20
18.8
21.2
5
55
225
1
0.1
14
14.4
18
BZX84C22W
KP8
22
20.8
23.3
5
55
225
1
0.1
15.4
16.4
20
BZX84C24W
KP9
24
22.8
25.6
5
70
250
1
0.1
16.8
18.4
22
BZX84C27W
KPA
27
25.1
28.9
2
80
250
0.5
0.1
18.9
21.4
25.3
BZX84C30W
KPB
30
28
32
2
80
300
0.5
0.1
21
24.4
29.4
BZX84C33W
KPC
33
31
35
2
80
300
0.5
0.1
23.1
27.4
33.4
BZX84C36W
KPD
36
34
38
2
90
325
0.5
0.1
25.2
30.4
37.4
BZX84C39W
KPE
39
37
41
2
130
350
0.5
0.1
27.3
33.4
41.2
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300µs pulse width, 2% duty cycle.
3. f = 1KHz.
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
F
0.20
0.40
B
2.15
2.45
G
-
-
C
1.15
1.35
H
0.525 REF.
D
0.90
1.10
J
0.08
0.15
E
1.20
1.40


Similar Part No. - BZX84C10W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C10W PANJIT-BZX84C10W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C10W HTSEMI-BZX84C10W Datasheet
243Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
BZX84C10W DIODES-BZX84C10W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Shenzhen Luguang Electr...
BZX84C10W LUGUANG-BZX84C10W Datasheet
249Kb / 3P
   Zener Diode
logo
Micro Commercial Compon...
BZX84C10W MCC-BZX84C10W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
More results

Similar Description - BZX84C10W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
   Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4 SECOS-BZX84C2V4 Datasheet
284Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com