Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR110F Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MUR110F
Description  Super Fast Recovery Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MUR110F Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MUR110F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MUR110F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MUR110F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Typical Characterisitics
Average Forward Rectified Current - Amperes versus
Ambient Temperature - °C
Figure 2
Forward Derating Curve
25
175
50
75
100
125
0
.25
.5
.75
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°
C
150
1.0
1.25
1.5
Junction Capacitance - pF versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.5
.7
.9
1.1
1.3
1.5
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25°C
MUR105F -115F
MUR120F -160F
MUR180F-1100F
Super Fast Recovery Diodes
MUR105F ~ MUR1100F


Similar Part No. - MUR110F

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR110 JGD-MUR110 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
Kersemi Electronic Co.,...
MUR110 KERSEMI-MUR110 Datasheet
441Kb / 6P
   Ultrafast 25, 50 and 75 Nanosecond Recovery Times
logo
Shanghai Shunye Electro...
MUR110 SHUNYE-MUR110 Datasheet
392Kb / 2P
   SUPER FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR110 MCC-MUR110 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Kersemi Electronic Co.,...
MUR110 KERSEMI-MUR110 Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
More results

Similar Description - MUR110F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM35HG-34S MITSUBISHI-RM35HG-34S Datasheet
22Kb / 2P
   Super Fast Recovery Diodes
logo
EIC discrete Semiconduc...
BYW98-50S EIC-BYW98-50S Datasheet
50Kb / 2P
   SUPER FAST RECOVERY DIODES
logo
New Jersey Semi-Conduct...
BYW98-50S NJSEMI-BYW98-50S Datasheet
150Kb / 2P
   SUPER FAST RECOVERY DIODES
logo
Rohm
RFUS20NS4S ROHM-RFUS20NS4S Datasheet
191Kb / 1P
   Super Fast Recovery Diodes
RFU5TF6S ROHM-RFU5TF6S Datasheet
164Kb / 1P
   Super Fast Recovery Diodes
logo
SEMTECH ELECTRONICS LTD...
SF101 SEMTECH_ELEC-SF101 Datasheet
98Kb / 1P
   SUPER FAST RECOVERY SILICON DIODES
logo
SUNMATE electronic Co.,...
SF1010 SUNMATE-SF1010 Datasheet
354Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODES
SF81 SUNMATE-SF81 Datasheet
425Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
MUR860D LUGUANG-MUR860D Datasheet
2Mb / 4P
   Super-Fast Recovery Diodes 8A FRD Pt
Revision:20170701-P1
MUR2020CT LUGUANG-MUR2020CT Datasheet
2Mb / 4P
   Super-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com