Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFL2N06 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFL2N06
Description  2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFL2N06 Datasheet(HTML) 2 Page - Intersil Corporation

  RFL2N06 Datasheet HTML 1Page - Intersil Corporation RFL2N06 Datasheet HTML 2Page - Intersil Corporation RFL2N06 Datasheet HTML 3Page - Intersil Corporation RFL2N06 Datasheet HTML 4Page - Intersil Corporation RFL2N06 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFL2N05
RLF2N06
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
50
60
V
Drain to Gate Voltage (RGS = 1MΩ) (Note 1). . . . . . . . . . . . . . . . . . . . . . VDGR
50
60
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
V
Drain Current, RMS Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
22
A
Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
10
10
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
8.33
8.33
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.0667
0.0667
W/ oC
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0
RFL2N05
50
-
-
V
RFL2N06
60
-
-
V
Gate to Threshold Voltage
VGS(TH) VGS = VDS, ID = 250µA, (Figure 8)
2
-
4
V
Zero-Gate Voltage Drain Current
IDSS
VDS = 0.8 x Rated BVDSS,
TC = 25
oC
--
1
µA
TC = 125
oC-
-
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V, VDS = 0
-
-
±100
nA
Drain to Source On Voltage (Note 2)
VDS(ON) ID = 1A, VGS = 10V
-
-
0.95
V
ID = 2A, VGS = 10V
-
-
2.0
V
ID = 4A, VGS = 15V
-
-
4.8
V
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 1A, VGS = 10V, (Figures 6, 7)
-
-
0.95
Forward Transconductance (Note 2)
gfs
ID = 1A, VDS = 10V, (Figure 10)
400
-
-
S
Turn-On Delay Time
td(ON)
ID 1A, VDD = 30V, RGS = 50Ω,
VGS = 10V, (Figures 11, 12, 13)
-
6
15
ns
Rise Time
tr
-14
30
ns
Turn-Off Delay Time
td(OFF)
-16
30
ns
Fall Time
tf
-30
50
ns
Input Capacitance
CISS
VGS = 0V, VDS = 25V,
f = 1MHz, (Figure 9)
-
-
200
pF
Output Capacitance
COSS
-
-
85
pF
Reverse-Transfer Capacitance
CRSS
-
-
30
pF
Thermal Resistance Junction to Case
R
θJC
--
15
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 1A
-
-
1.4
V
Diode Reverse Recovery Time
trr
ISD = 2A, dISD/dt = 50A/µs
-
100
-
ns
NOTE:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
RFL2N05, RFL2N06


Similar Part No. - RFL2N06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
   2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
More results

Similar Description - RFL2N06

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFL2N05 NJSEMI-RFL2N05 Datasheet
94Kb / 2P
   2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP4N05 INTERSIL-RFP4N05 Datasheet
40Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, N-Channel Power MOSFETs
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com