Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3020CT Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SB3020CT
Description  30 AMPERE SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SB3020CT Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SB3020CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SB3020CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SB3020CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd SB3020CT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20140623
SB3020CT~SB30150CT
30 AMPERE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 15 0 Volts CURRENT - 30.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-S-19500/228
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering : 260OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: TO-220AB molded plastic
Terminals: Lead, solderable per MIL-STD-202, Method 208
Polarity: As marked
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half wave 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SB
3020CT
SB
3030CT
SB
3040CT
SB
3050CT
SB
3060CT
SB
3080CT
SB
30100CT
SB
30150CT
UNIT
Maximum Recurrent Peak Reverse Volt
20
30
40
50
60
80
150
V
Maximum RMS Volt
14
21
28
35
42
56
105
V
Maximum DC Blocking Volt
20
30
40
50
60
80
150
V
Maximum Average Forward Rectified Current at
TC=90
3
0.0
A
Peak Forward Surge Current, 8.3ms single half
sine wave superimposed on rated load(JEDEC
method)
275
A
Maximum Forward Voltage at 15 A per element
0.55
0.75
0.85
V
0.5
Maximum DC Reverse Current at Rated TC=25
DC Blocking Voltage per element TC=100
100
mA
Typical Thermal Resistance Note
100
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
NOTES:
Thermal Resistance Junction to Ambient
TO-220
AB
Unit:inch(mm)
OC
OC
OC
OC
OC
Rθ A
J
100
70
100
0.95
0.1
7
200
OC
.419(10.66)
.387(9.85)
.134(3.40)
MIN.
.055(1.40)
.039(1.00)
.039(1.00)
.019(0.50)
.1(2.54)
.1(2.54)
.196(5.00)
.163(4.16)
.059(1.50)
.039(1.00)
.025(0.65)
MAX.


Similar Part No. - SB3020CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB3020CT PANJIT-SB3020CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3020CT PACELEADER-SB3020CT Datasheet
166Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3020CT PANJIT-SB3020CT Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB3020CT FORMOSA-SB3020CT Datasheet
108Kb / 6P
   Schottky Barrier Rectifier
logo
Pan Jit International I...
SB3020CT PANJIT-SB3020CT_10 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB3020CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
MBR3020CT YEASHIN-MBR3020CT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB3030PT YEASHIN-SB3030PT Datasheet
370Kb / 2P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
MBR3020FCT YEASHIN-MBR3020FCT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com