Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK32 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # SK32
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SK32 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  SK32 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SK32 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20150105
SK32 Thru SK310
DEVICE CHARACTERISTICS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.5- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.4- TYPICAL JUNCTION CAPACITANCE
Fig.2- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Fig.1- FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE. C
O
INSTANTANEOUS FORWARD
VOLTAGE. VOLTS
REVERSE VOLTAGE. VOLTS
PERCENT OF RATED PEAK
REVEERSE VOLTAGE
NUMBER OF CYCLES AT 60Hz
.4 .5
.6 .7
.8
.9 1.0 1.1
50
0
.1
1
10
100
0
50 60 70 80 90 100 110 120 130 140 150
6.0
5.0
4.0
3.0
2.0
1.0
0
10
1.0
.3
.2
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.55x0.55" (14x14mm)
COPPER PAD AREAS
T=25 C
PULSE WIDTH=30uS
1% DUTY CYCLE
J
O
20
40
60
80
100
T =150 C
10ms SINGLE HALF
SINE-WAVE
J
O
20 40 60 80 100 120 140
10
1.0
0.1
0.01
.001
1000
10
0.1
1.0
10
100
100
T= 100 C
A
O
T= 75 C
A
O
T= 25 C
A
O
T= 25 C
J
O
SK38~SK310
SK32~SK34
Sk ~Sk36
35
SK32~SK34
SK35~SK310
SK32~SK34
SK35~SK310
SK32~SK35
SK36~SK310


Similar Part No. - SK32

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
SMC Diode Solutions Co....
SK32 SMCDIODE-SK32 Datasheet
260Kb / 4P
   SK32 THRU SK310 SCHOTTKY RECTIFIER
Rev. A
logo
Cystech Electonics Corp...
SK32 CYSTEKEC-SK32 Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SK32 PANJIT-SK32 Datasheet
71Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SK32 CHENDA-SK32 Datasheet
925Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK32

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com