Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR4CM-16LH Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR4CM-16LH
Description  800V - 4A - Triac Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR4CM-16LH Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR4CM-16LH_15 Datasheet HTML 1Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 2Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 3Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 4Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 5Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 6Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 7Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 8Page - Renesas Technology Corp BCR4CM-16LH_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BCR4CM-16LH
Preliminary
R07DS0255EJ0200 Rev.2.00
Page 5 of 8
Feb 25, 2013
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=125°C)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=150°C)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics (Tj=125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
0
20
40
80
60
100
120
140
160
–40
0
40
80
120
160
–40
0
40
80
120
160
102
103
101
104
102
103
101
104
0
20
40
80
60
100
120
160
101
100
102
101
100
102
100
101
102
100
101
102
140
T2+, G–
Typical Example
T2+, G+
Typical Example
T2–, G–
Typical Example
Distribution
Typical Example
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Minimum
Value
(IGTitem1)
103
101
102
100
0
20
40
80
60
100
120
160
140
Typical Example
Tj = 150°C
III Quadrant
I Quadrant
Typical Example
Tj = 125°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
III Quadrant
I Quadrant
Minimum
Value
Typical Example
Tj = 150°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
III Quadrant
I Quadrant


Similar Part No. - BCR4CM-16LH_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR4CM-16LH RENESAS-BCR4CM-16LH Datasheet
99Kb / 8P
   Triac Medium Power Use IFGTI, IRGTI, IRGT III : 35 mA or 10mA(IGT item:1)
More results

Similar Description - BCR4CM-16LH_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10CM-16LH RENESAS-BCR10CM-16LH_15 Datasheet
144Kb / 9P
   800V - 10A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB_15 Datasheet
141Kb / 9P
   800V - 20A - Triac Medium Power Use
BCR16CM-16LH RENESAS-BCR16CM-16LH Datasheet
505Kb / 9P
   800V - 16A - Triac Medium Power Use
Feb. 1, 2019
BCR16CM-16LB RENESAS-BCR16CM-16LB Datasheet
505Kb / 9P
   800V - 16A - Triac Medium Power Use
Feb. 1, 2019
BCR16CM-16LB RENESAS-BCR16CM-16LB_15 Datasheet
143Kb / 9P
   800V - 16A - Triac Medium Power Use
BCR16CM-16LH RENESAS-BCR16CM-16LH_15 Datasheet
141Kb / 9P
   800V - 16A - Triac Medium Power Use
BCR12CM-16LB RENESAS-BCR12CM-16LB_15 Datasheet
143Kb / 9P
   800V - 12A - Triac Medium Power Use
BCR20CM-16LB RENESAS-BCR20CM-16LB Datasheet
508Kb / 9P
   800V - 20A - Triac Medium Power Use
Feb. 1, 2019
BCR12CM-16LH RENESAS-BCR12CM-16LH_15 Datasheet
148Kb / 9P
   800V - 12A - Triac Medium Power Use
BCR12CM-16LB RENESAS-BCR12CM-16LB Datasheet
506Kb / 9P
   800V - 12A - Triac Medium Power Use
Feb. 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com