Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7192 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 1 Page - Analog Devices

  ADV7192_15 Datasheet HTML 1Page - Analog Devices ADV7192_15 Datasheet HTML 2Page - Analog Devices ADV7192_15 Datasheet HTML 3Page - Analog Devices ADV7192_15 Datasheet HTML 4Page - Analog Devices ADV7192_15 Datasheet HTML 5Page - Analog Devices ADV7192_15 Datasheet HTML 6Page - Analog Devices ADV7192_15 Datasheet HTML 7Page - Analog Devices ADV7192_15 Datasheet HTML 8Page - Analog Devices ADV7192_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADV7192
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Video Encoder with Six 10-Bit DACs, 54 MHz
Oversampling and Progressive Scan Inputs
FEATURES
Six High-Quality 10-Bit Video DACs
10-Bit Internal Digital Video Processing
Multistandard Video Input
Multistandard Video Output
4
Oversampling with Internal 54 MHz PLL
Programmable Video Control Includes:
Digital Noise Reduction
Gamma Correction
Black Burst
LUMA Delay
CHROMA Delay
Multiple Luma and Chroma Filters
Luma SSAF™ (Super Subalias Filter)
Average Brightness Detection
Field Counter
Macrovision Rev. 7.1
CGMS (Copy Generation Management System)
WSS (Wide Screen Signaling)
Closed Captioning Support.
Teletext Insertion Port (PAL-WST)
2-Wire Serial MPU Interface (I2C®-Compatible
and Fast I2C)
I
2C Interface
Supply Voltage 5 V and 3.3 V Operation
80-Lead LQFP Package
SSAF is a trademark of Analog Devices Inc.
ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
I
2C is a registered trademark of Philips Corporation.
Throughout the document YUV refers to digital or analog component video.
APPLICATIONS
DVD Playback Systems
PC Video/Multimedia Playback Systems
Progressive Scan Playback Systems
GENERAL DESCRIPTION
The ADV7192 is part of the new generation of video encoders
from Analog Devices. The device builds on the performance of
previous video encoders and provides new features like interfac-
ing progressive scan devices, Digital Noise Reduction, Gamma
Correction, 4
× Oversampling and 54 MHz operation, Average
Brightness Detection, Black Burst Signal Generation, Chroma
Delay, an additional Chroma Filter, and other features.
The ADV7192 supports NTSC-M, NTSC-N (Japan), PAL N,
PAL M, PAL-B/D/G/H/I and PAL-60 standards. Input standards
supported include ITU-R.BT656 4:2:2 YCrCb in 8-bit or 16-bit
format and 3
× 10-Bit YCrCb progressive scan format.
The ADV7192 can output Composite Video (CVBS), S-Video
(Y/C), Component YUV or RGB and analog progressive scan in
YPrPb format. The analog component output is also compatible
with Betacam, MII, and SMPTE/EBU N10 levels, SMPTE
170 M NTSC, and ITU–R.BT 470 PAL.
Please see Detailed Description of Features for more informa-
tion about the ADV7192.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
I2C INTERFACE
CHROMA
LPF
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
2
OVERSAMPLING
4
OVERSAMPLING
OR
ADV7192
SSAF
LPF
LUMA
LPF
COMPOSITE VIDEO
Y [S-VIDEO]
C [S-VIDEO]
RGB
YUV
YPrPb
TV SCREEN
OR
PROGRESSIVE
SCAN DISPLAY
COLOR CONTROL
DNR
GAMMA
CORRECTION
VBI
TELETEXT
CLOSED CAPTION
CGMS/WSS
DEMUX
AND
YCrCb-
TO-
YUV
MATRIX
PLL
AND
54MHz
VIDEO
INPUT
PROCESSING
VIDEO
OUTPUT
PROCESSING
VIDEO
SIGNAL
PROCESSING
ANALOG
OUTPUT
27MHz
CLOCK
ITU–R.BT
656/601
8-BIT YCrCb
IN 4:2:2 FORMAT
DIGITAL
INPUT


Similar Part No. - ADV7192_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192KST AD-ADV7192KST Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
More results

Similar Description - ADV7192_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com