Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7311 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7311_15 Datasheet HTML 6Page - Analog Devices ADV7311_15 Datasheet HTML 7Page - Analog Devices ADV7311_15 Datasheet HTML 8Page - Analog Devices ADV7311_15 Datasheet HTML 9Page - Analog Devices ADV7311_15 Datasheet HTML 10Page - Analog Devices ADV7311_15 Datasheet HTML 11Page - Analog Devices ADV7311_15 Datasheet HTML 12Page - Analog Devices ADV7311_15 Datasheet HTML 13Page - Analog Devices ADV7311_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
REV. A
–10–
ADV7310/ADV7311
t9
t11
t10
t12
Cb0
Cr0
Cb2
Cr2
Cb4
Cr4
Y0
Y1
Y2
Y3
Y4
Y5
Cb0
Y0
Cr0
Y1
Cb1
Y2
t9
t10
t11
t12
HD INPUT
SD INPUT
S9–S0
S_HSYNC,
S_VSYNC,
S_BLANK
CONTROL
INPUTS
CLKIN_A
CLKIN_B
Y9–Y0
CONTROL
INPUTS
P_HSYNC,
P_VSYNC,
P_BLANK
C9–C0
Figure 8. HD 4:2:2 and SD (10-Bit) Simultaneous Input Mode [Input Mode 101: SD Oversampled]
[Input Mode 110: HD Oversampled]
t9
t11
t10
t12
Cb0
Cr0
Cb2
Cr2
Cb4
Cr4
Y0
Y1
Y2
Y3
Y4
Y5
Cb0
Y0
Cr0
Y1
Cb1
Y2
t9
t10
t11
t12
PS INPUT
SD INPUT
S9–S0
S_HSYNC,
S_VSYNC,
S_BLANK
CONTROL
INPUTS
CLKIN_A
CLKIN_B
Y9–Y0
CONTROL
INPUTS
P_HSYNC,
P_VSYNC,
P_BLANK
C9–C0
Figure 9. PS (4:2:2) and SD (10-Bit) Simultaneous Input Mode [Input Mode 011]


Similar Part No. - ADV7311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7311KST AD-ADV7311KST Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results

Similar Description - ADV7311_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com