Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F363AEDFA Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F363AEDFA
Description  RENESAS MCU
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AEDFA Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F363AEDFA Datasheet HTML 4Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 5Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 6Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 7Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 8Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 9Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 10Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 11Page - Renesas Technology Corp R5F363AEDFA Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 8 of 115
Nov 01, 2012
M16C/63 Group
1. Overview
1.4
Block Diagram
Figure 1.4 and Figure 1.5 show block diagrams.
Figure 1.4
Block Diagram for the 100-Pin Package
DMAC (4 channels)
Internal peripheral functions
UART or
clock synchronous serial I/O
(6 channels)
System clock generator
XIN-XOUT
XCIN-XCOUT
On-chip oscillator (125 kHz)
High-speed on-chip oscillator
Clock synchronous serial I/O
(8 bit x 2 channels)
Notes:
1. ROM size depends on MCU type.
2. RAM size depends on MCU type.
8
8
8
8
8
8
Port P5
Port P4
Port P3
Port P2
Port P1
Port P0
VCC2 ports
M16C/60 Series CPU core
R1H
R1L
R0H
R0L
R3
R2
A0
A1
FB
Multiplier
ROM (1)
Memory
RAM (2)
SB
ISP
USP
INTB
PC
FLG
CRC calculator
(CRC-CCITT or CRC-16)
Three-phase motor control
circuit
8
8
8
Port P7
Port P8
Port P9
Port P10
8
Port P6
8
Timer (16 bit)
Outputs (timer A): 5
Inputs (timer B): 6
VCC1 ports
Real-time clock
PWM function (8 bit x 2)
Remote control signal
receiver (2 circuits)
Watchdog timer
(15 bit)
A/D converter
(10-bit resolution x 26
channels)
D/A converter
(8 bit-resolution x 2
circuits)
Multi-master I2C-bus interface
(1 channel)
CEC function
Voltage detector
On-chip debugger
Power-on reset


Similar Part No. - R5F363AEDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F363AEDFA RENESAS-R5F363AEDFA Datasheet
2Mb / 115P
   RENESAS MCU
R5F363AEDFA RENESAS-R5F363AEDFA Datasheet
918Kb / 119P
   This MCU consumes low power, and supports operating modes
More results

Similar Description - R5F363AEDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com